Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP180 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMP180
Description  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data sheet
BMP180
Page 13
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.3.2 Software pressure sampling accuracy modes
For applications where a low noise level is critical, averaging is recommended if the lower bandwidth
is acceptable. Oversampling can be enabled using the software API driver (with OSR = 3).
Table 4: Overview of BMP180 software accuracy mode, selected by driver software via the variable
software_oversampling_setting
Mode
Parameter
oversampling_setting
software_
oversampl
ing_settin
g
Conversion
time
pressure
max. [ms]
Avg. current
@ 1
sample/s
typ. [µA]
RMS noise
typ. [hPa]
RMS noise
typ. [m]
Advanced
resolution
3
1
76.5
32
0.02
0.17
3.4 Calibration coefficients
The 176 bit E2PROM is partitioned in 11 words of 16 bit each. These contain 11 calibration
coefficients. Every sensor module has individual coefficients. Before the first calculation of
temperature and pressure, the master reads out the E2PROM data.
The data communication can be checked by checking that none of the words has the value 0 or
0xFFFF.
Table 5: Calibration coefficients
BMP180 reg adr
Parameter
MSB
LSB
AC1
0xAA
0xAB
AC2
0xAC
0xAD
AC3
0xAE
0xAF
AC4
0xB0
0xB1
AC5
0xB2
0xB3
AC6
0xB4
0xB5
B1
0xB6
0xB7
B2
0xB8
0xB9
MB
0xBA
0xBB
MC
0xBC
0xBD
MD
0xBE
0xBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com