Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP180 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMP180
Description  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Data sheet
BMP180
Page 19
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5. I2C Interface
 I2C is a digital two wire interface
 Clock frequencies up to 3.4Mbit/sec. (I2C standard, fast and high-speed mode supported)
 SCL and SDA needs a pull-up resistor, typ. 4.7kOhm to VDDIO
(one resistor each for all the I2C bus)
The I2C bus is used to control the sensor, to read calibration data from the E2PROM and to read the
measurement data when A/D conversion is finished. SDA (serial data) and SCL (serial clock) have
open-drain outputs.
For detailed I2C-bus specification please refer to:
http://www.nxp.com/acrobat_download/literature/9398/39340011.pdf
5.1 I2C specification
Table 6: Electrical parameters for the I2C interface
Parameter
Symbol
Min.
Typ
Max.
Units
Clock input frequency
fSCL
3.4
MHz
Input-low level
VIL
0
0.2 * VDDIO
V
Input-high level
VIH
0.8 * VDDIO
VDDIO
V
Voltage output low level
@ VDDIO = 1.62V, IOL = 3mA
VOL
0.3
V
SDA and SCL pull-up resistor
Rpull-up
2.2
10
kOhm
SDA sink current
@ VDDIO = 1.62V, VOL = 0.3V
ISDA_sink
9
mA
Start-up time after power-up,
before first communication
tStart
10
Ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com