Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP180 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMP180
Description  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data sheet
BMP180
Page 21
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5.4 Start temperature and pressure measurement
The timing diagrams to start the measurement of the temperature value UT and pressure value UP
are shown below. After start condition the master sends the device address write, the register
address and the control register data. The BMP180 sends an acknowledgement (ACKS) every 8
data bits when data is received. The master sends a stop condition after the last ACKS.
Figure 8: Timing diagram for starting pressure measurement
Abbreviations:
S
Start
P
Stop
ACKS
Acknowledge by Slave
ACKM
Acknowledge by Master
NACKM
Not Acknowledge by Master
Table 8: Control registers values for different internal oversampling_setting (oss)
Measurement
Control register value
(register address 0xF4)
Max. conversion time
[ms]
Temperature
0x2E
4.5
Pressure
(oss = 0)
0x34
4.5
Pressure
(oss = 1)
0x74
7.5
Pressure
(oss = 2)
0xB4
13.5
Pressure
(oss = 3)
0xF4
25.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com