Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-RX04-ASK Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ST-RX04-ASK
Description  ASK Superhet Receiver Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ST-RX04-ASK Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST-RX04-ASK Datasheet HTML 1Page - List of Unclassifed Manufacturers ST-RX04-ASK Datasheet HTML 2Page - List of Unclassifed Manufacturers ST-RX04-ASK Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ST-RX04-ASK
Electrical Characteristics :
CHARACTERISTIC
MIN
TYP
MAX
UNIT
Vcc
Supply Voltage
5
VDC
ls
Supply Current
2.3
3
mA
FR
Receiver Frequency
315/434
MHz
RF Sensitivity(Vcc=5V 1Kbps Data Rate)
-105
dBm
Max Data Rate
300
1
3
Kbit/s
VOH High Level Output (I=30uA)
0.7Vcc
VDC
VOL Low Level Output (I=30uA)
0.3Vcc
VDC
Turn On Time(Vcc off-Turn on)
25
30
ms
TOP Operating Temperature Range
-10
60
℃
Output Duty
40
60
%
Mechanical Dimension:
N ame
D imension
N ame
D imension
A
D
43mm+-0.5mm
2.54m m +-0.3m m
B
E
12.4m m +-0.5m m
5m m +-0.5m m
C
F
25.4m m +-0.3m m
6m m (M ax)
SUMMIT Technology Co., LTD.
- 2 -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com