Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-RX04-ASK Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ST-RX04-ASK
Description  ASK Superhet Receiver Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ST-RX04-ASK Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ST-RX04-ASK Datasheet HTML 1Page - List of Unclassifed Manufacturers ST-RX04-ASK Datasheet HTML 2Page - List of Unclassifed Manufacturers ST-RX04-ASK Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ST-RX04-ASK
Typical Application:
antenna
SUMMIT Technology Co., LTD.
- 3 -
vcc
data
MCU
Remark:
1. Antenna length about :23cm for 315 MHz
17cm for 434 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com