Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-RX04-ASK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST-RX04-ASK
Description  ASK Superhet Receiver Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ST-RX04-ASK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST-RX04-ASK Datasheet HTML 1Page - List of Unclassifed Manufacturers ST-RX04-ASK Datasheet HTML 2Page - List of Unclassifed Manufacturers ST-RX04-ASK Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SUMMIT Technology Co., Ltd.
ST-RX04-ASK
ASK Superhet Receiver Module
ST-RX04-ASK Receiver
315/434 MHz ASK RECEIVER
Pin Description:
General Description:
The ST- RX04-ASK is an ASK superhet receiver module
with PLL synthesizer and crystal oscillator.
The circuit shape is: PLL.
Receiver Frequency: 315 / 433.92 MHZ
Operation Voltage 5V
IF Frequency: 500k
Typical sensitivity: -105dBm
Supply Current: 2.3mA
Features
Low power consumption.
Easy for application.
On-Chip VCO with integrated PLL using crystal
oscillator reference.
Integrated IF and data filters.
Operation temperature range : ﹣10℃~+60℃
Operation voltage : 5 Volts.
Available frequency at : 315/434 MHz
SUMMIT Technology Co., LTD.
- 1 -
Applications:
Car security system
Wireless security systems
Sensor reporting
Automation system
Remote Keyless entry


Similar Part No. - ST-RX04-ASK

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ST-REL2-KG120 PHOENIX-ST-REL2-KG120 Datasheet
118Kb / 5P
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 1 N/O contact, 120 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL2-KG220DC PHOENIX-ST-REL2-KG220DC Datasheet
77Kb / 4P
Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 N/O contact, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL2-KG230AC PHOENIX-ST-REL2-KG230AC Datasheet
80Kb / 4P
Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 N/O contact, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL2-KG24 PHOENIX-ST-REL2-KG24 Datasheet
61Kb / 3P
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 1 N/O contact, 24 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL2-KG48 PHOENIX-ST-REL2-KG48 Datasheet
78Kb / 4P
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 1 N/O contact, 48 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
More results

Similar Description - ST-RX04-ASK

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
Low-Current Superhet Remote Control Receiver
logo
TEMIC Semiconductors
U4313B TEMIC-U4313B Datasheet
167Kb / 14P
Low-Current Superhet Remote Control Receiver
U4311B TEMIC-U4311B Datasheet
167Kb / 14P
Low-current Superhet Remote Control Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
FSK Superhet Receiver
logo
ATMEL Corporation
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
UHF ASK Receiver
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
logo
List of Unclassifed Man...
RFM83L-433D-A ETC2-RFM83L-433D-A Datasheet
544Kb / 9P
ASK/OOK Super-heterodyne receiver module
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101_13 Datasheet
389Kb / 20P
FSK/ASK Receiver
logo
ATMEL Corporation
T5744 ATMEL-T5744 Datasheet
257Kb / 19P
UHF ASK Receiver
logo
Dorji Industrial Group ...
DRA887RX DORJI-DRA887RX Datasheet
95Kb / 2P
HIGH SENSITIVE ASK RECEIVER MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com