Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet (PDF) - Micrel Semiconductor

MICRF219A Datasheet PDF - Micrel Semiconductor
Part # MICRF219A
Download  MICRF219A Download
File Size   722.81 Kbytes
Page   23 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ASK/OOK Receiver

MICRF219A Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF219A Datasheet PDF - Micrel Semiconductor

Part # MICRF219A
Download  MICRF219A Click to download

File Size   722.81 Kbytes
Page   23 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ASK/OOK Receiver

MICRF219A Datasheet (HTML) - Micrel Semiconductor


MICRF219A Product details

General Description
The MICRF219A is a 300MHz to 450MHz super-heterodyne, image-reject, RF receiver with automatic gain control, ASK/OOK demodulator, and analog RSSI output. It only requires a crystal and a minimum number of external components to implement. The MICRF219A is ideal for low-cost, low-power, RKE, TPMS, and remote actuation applications.

Features
• –110dBm sensitivity at 1kbps with 0.1% BER
• Auto-polling mode with bit checking
• Supports bit rates up to 20kbps at 433.92MHz
• 25dB image-reject mixer
• No IF filter required
• 60dB analog RSSI output range
• 3.0V to 3.6V supply voltage range
• 4.3mA supply current at 315MHz
• 6.0mA supply current at 434MHz
• 13μA supply current in sleep mode
• 0.1μA supply current in shutdown mode
• 16-pin QSOP package (4.9mm x 6.0mm)
• −40°C to +105°C temperature range
• 3kV HBM ESD Rating




Similar Part No. - MICRF219A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219AAYQS MICREL-MICRF219AAYQS Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
MICRF219AYQS MICREL-MICRF219AYQS Datasheet
892Kb / 23P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
More results


Similar Description - MICRF219A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
logo
List of Unclassifed Man...
RF83 ETC2-RF83 Datasheet
500Kb / 22P
300~440MHz ASK/OOK Receiver
RFM83L-433D-A ETC2-RFM83L-433D-A Datasheet
544Kb / 9P
ASK/OOK Super-heterodyne receiver module
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
RFM83 Series ASK/OOK Super-heterodyne receiver module
logo
Princeton Technology Co...
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
Ultra-Low Power OOK/ASK Receiver
PT4303 PTC-PT4303 Datasheet
229Kb / 4P
Low Power Super-heterodyne OOK/ASK Receiver
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
Compact 433.92 MHz OOK/ASK Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
Compact 315 MHz OOK/ASK Receiver
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
Compact 433.92 MHz OOK/ASK Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com