Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF219A Datasheet HTML 1Page - Micrel Semiconductor MICRF219A Datasheet HTML 2Page - Micrel Semiconductor MICRF219A Datasheet HTML 3Page - Micrel Semiconductor MICRF219A Datasheet HTML 4Page - Micrel Semiconductor MICRF219A Datasheet HTML 5Page - Micrel Semiconductor MICRF219A Datasheet HTML 6Page - Micrel Semiconductor MICRF219A Datasheet HTML 7Page - Micrel Semiconductor MICRF219A Datasheet HTML 8Page - Micrel Semiconductor MICRF219A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MICRF219A
300MHz to 450MHz ASK/OOK Receiver with
Auto-Poll, RSSI, and Squelch
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2011
M9999-071811-A
RadioTech@micrel.com or (408) 944-0800
General Description
The MICRF219A is a 300MHz to 450MHz super-
heterodyne, image-reject, RF receiver with automatic gain
control, ASK/OOK demodulator, analog RSSI output, and
integrated squelch features. It only requires a crystal and a
minimum number of external components to implement.
The MICRF219A is ideal for low-cost, low-power, RKE,
TPMS, and remote actuation applications.
The MICRF219A achieves
−110dBm sensitivity at a bit
rate of 1kbps with 0.1% BER. Four demodulator filter
bandwidths are selectable in binary steps from 1625Hz to
13kHz at 433.92MHz, allowing the device to support bit
rates up to 20kbps. The device operates from a supply
voltage of 3.0V to 3.6V, and typically consumes 4.3mA of
supply current at 315MHz and 6.0mA at 433.92MHz. A
shutdown mode reduces supply current to 0.1μA typical.
The squelch feature decreases the activity on the data
output pin until valid bits are detected while maintaining
overall receiver sensitivity.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• –110dBm sensitivity at 1kbps with 0.1% BER
• Auto-polling mode with bit checking
• Supports bit rates up to 20kbps at 433.92MHz
• 25dB image-reject mixer
• No IF filter required
• 60dB analog RSSI output range
• 3.0V to 3.6V supply voltage range
• 4.3mA supply current at 315MHz
• 6.0mA supply current at 434MHz
• 13μA supply current in sleep mode
• 0.1μA supply current in shutdown mode
• 16-pin QSOP package (4.9mm x 6.0mm)
• −40°C to +105°C temperature range
• 3kV HBM ESD Rating
Ordering Information
Part Number
Temperature Range
Package
MICRF219AAYQS
–40
°C to +105°C
16-Pin QSOP
_________________________________________________________________________________________________________________________
Typical Application
MICRF219A Typical Application Circuit (433.92MHz, 1kbps)


Similar Part No. - MICRF219A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219AAYQS MICREL-MICRF219AAYQS Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
MICRF219AYQS MICREL-MICRF219AYQS Datasheet
892Kb / 23P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
More results

Similar Description - MICRF219A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
logo
List of Unclassifed Man...
RF83 ETC2-RF83 Datasheet
500Kb / 22P
300~440MHz ASK/OOK Receiver
RFM83L-433D-A ETC2-RFM83L-433D-A Datasheet
544Kb / 9P
ASK/OOK Super-heterodyne receiver module
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
RFM83 Series ASK/OOK Super-heterodyne receiver module
logo
Princeton Technology Co...
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
Ultra-Low Power OOK/ASK Receiver
PT4303 PTC-PT4303 Datasheet
229Kb / 4P
Low Power Super-heterodyne OOK/ASK Receiver
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
Compact 433.92 MHz OOK/ASK Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
Compact 315 MHz OOK/ASK Receiver
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
Compact 433.92 MHz OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com