Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF219A Datasheet HTML 3Page - Micrel Semiconductor MICRF219A Datasheet HTML 4Page - Micrel Semiconductor MICRF219A Datasheet HTML 5Page - Micrel Semiconductor MICRF219A Datasheet HTML 6Page - Micrel Semiconductor MICRF219A Datasheet HTML 7Page - Micrel Semiconductor MICRF219A Datasheet HTML 8Page - Micrel Semiconductor MICRF219A Datasheet HTML 9Page - Micrel Semiconductor MICRF219A Datasheet HTML 10Page - Micrel Semiconductor MICRF219A Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
7
M9999-071811-A
RadioTech@micrel.com
Typical Characteristics (Continued)
VDD = 3.3V, TA = +25°C, BER measured with PN9 sequence, unless otherwise noted.
Sensitivity at 1% BER
D[4:3] = 11
-110
-108
-106
-104
-102
-100
-98
0
1020
3040
50
BIT RATE (kbps)
315MHz
433.92MHz
Bandpass Filter Attenuation
fXTAL = 13.52313MHz
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
433.6
433.8
434.0
434.2
INPUT FREQUENCY (MHz)
Bandpass Filter Attenuation
fXTAL = 9.81713MHz
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
314.8
314.9
315.0
315.1
315.2
INPUT FREQUENCY (MHz)
Sensitivity for 1% BER vs.
Frequency, fXTAL = 13.52313MHz
-120
-110
-100
-90
-80
-70
-60
-50
-40
419
424
429
434
439
444
449
INPUT FREQUENCY (MHz)
Sensitivity for 1% BER vs.
Frequency, fXTAL = 9.81713MHz
-120
-110
-100
-90
-80
-70
-60
-50
-40
304
309
314
319
324
INPUT FREQUENCY (MHz)
or (408) 944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com