Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF219A Datasheet HTML 1Page - Micrel Semiconductor MICRF219A Datasheet HTML 2Page - Micrel Semiconductor MICRF219A Datasheet HTML 3Page - Micrel Semiconductor MICRF219A Datasheet HTML 4Page - Micrel Semiconductor MICRF219A Datasheet HTML 5Page - Micrel Semiconductor MICRF219A Datasheet HTML 6Page - Micrel Semiconductor MICRF219A Datasheet HTML 7Page - Micrel Semiconductor MICRF219A Datasheet HTML 8Page - Micrel Semiconductor MICRF219A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
5
M9999-071811-A
RadioTech@micrel.com
Electrical Characteristics(4) (Continued)
VDD = 3.3V, VSHDN = 0V, SQ = open, CCAGC = 4.7µF, CCTH = 0.1µF, unless otherwise noted. Bold values indicate
–40°C ≤ TA ≤ 105°C. “Bit rate” refers to the encoded bit rate throughout this datasheet (see Note 4).
Parameter
Condition
Min.
Typ.
Max.
Units
Demodulator
fREF = 9.81713MHz
165
CTH Source Impedance, Note 6
fREF = 13.52313MHz
120
kΩ
CTH Leakage Current In CTH Hold
Mode
TA = +25ºC
TA = +105ºC
1
10
nA
Digital / Control Functions
DO Pin Output Current
As output source @ 0.8VDD
As output sink @ 0.2VDD
300
680
µA
Output Rise Time
600
Output Fall Time
15pF load on DO pin, transition time between
0.1VDD and 0.9VDD
200
ns
Input High Voltage
SHDN, SQ
0.8VDD
V
Input Low Voltage
SHDN, SQ
0.2VDD
V
Output Voltage High
DO
0.8VDD
V
Output Voltage Low
DO
0.2VDD
V
RSSI
−110dBm RF input level
0.5
RSSI DC Output Voltage Range
−50dBm RF input level
2.0
V
RSSI Output Current
5k
Ω load to GND, −50dBm RF input level
400
µA
RSSI Output Impedance
250
Ω
RSSI Response Time
D[4:3] = 00, RF input power stepped from no
input to
−50dBm
10
ms
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside of its operating rating.
3.
Device is ESD sensitive. Use appropriate ESD precautions. Exceeding the absolute maximum rating may damage the device.
4.
Encoded bit rate is 1/(shortest pulse duration) that appears at MICRF219A DO pin:
5.
In an ON/OFF keyed (OOK) signal, the signal level goes between a “mark” level (when the RF signal is ON) and a “space” level (when the RF
signal is OFF). Sensitivity is defined as the input signal level when “ON” necessary to achieve a specified BER (bit error rate). BER measured with
the built-in BERT function in Agilent E4432B using PN9 sequence. Sensitivity measurement values are obtained using an input matching network
corresponding to 315MHz or 433.92MHz.
6.
CTH source impedance is inversely proportional to the reference frequency. In production test, the typical source impedance value is verified with
12MHz reference frequency.
or (408) 944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com