Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF219A Datasheet HTML 1Page - Micrel Semiconductor MICRF219A Datasheet HTML 2Page - Micrel Semiconductor MICRF219A Datasheet HTML 3Page - Micrel Semiconductor MICRF219A Datasheet HTML 4Page - Micrel Semiconductor MICRF219A Datasheet HTML 5Page - Micrel Semiconductor MICRF219A Datasheet HTML 6Page - Micrel Semiconductor MICRF219A Datasheet HTML 7Page - Micrel Semiconductor MICRF219A Datasheet HTML 8Page - Micrel Semiconductor MICRF219A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
3
M9999-071811-A
RadioTech@micrel.com or (408) 944-0800
Pin Description (Continued)
Pin
Number
Pin
Name
Pin Function
12
CTH
Demodulation Threshold Voltage Integration Capacitor. Connect a 0.1μF capacitor from CTH pin to GND
to provide a stable slicing threshold.
13
CAGC
AGC Filter Capacitor. Connect a capacitor from this pin to GND. Refer to the AGC Loop and CAGC
section for information on the capacitor value.
14
RSSI
Received Signal Strength Indicator. The voltage on this pin is an inversed amplified version of the voltage
on CAGC. Output is from a switched capacitor integrating op amp with 250Ω typical output impedance.
15
SCLK
Programming clock input.
16
RO2
Reference resonator connection to the Pierce oscillator. Internal capacitance of 7pF to GND during normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com