Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF219A Datasheet HTML 7Page - Micrel Semiconductor MICRF219A Datasheet HTML 8Page - Micrel Semiconductor MICRF219A Datasheet HTML 9Page - Micrel Semiconductor MICRF219A Datasheet HTML 10Page - Micrel Semiconductor MICRF219A Datasheet HTML 11Page - Micrel Semiconductor MICRF219A Datasheet HTML 12Page - Micrel Semiconductor MICRF219A Datasheet HTML 13Page - Micrel Semiconductor MICRF219A Datasheet HTML 14Page - Micrel Semiconductor MICRF219A Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
11
M9999-071811-A
RadioTech@micrel.com
The ability of the chip to track to a signal that
DECREASED in strength is much slower, since only
1.5μA is available to charge CAGC to increase the gain.
When designing a transmitter that communicates with
the MICRF219A, ensure that the power level remains
constant throughout the transmit burst.
The value of CAGC impacts the time to good data
(TTGD), which is defined as the time when signal is first
applied, to when the pulse width at DO is within 10% of
the steady state value. The optimal value of CAGC
depends on the setting of the D4 and D3 bits. A smaller
CAGC value does NOT always result in a shorter TTGD.
This is due to the loop dynamics, the fast discharge
current being 600µA, and the charge current being only
1.5µA. For example, if D4 = D3 = 0, the low pass filter
bandwidth is set to a minimum and CAGC capacitance is
too small, TTGD will be longer than if CAGC capacitance
is properly chosen. This is because when RF signal first
appears, the fast discharge period will reduce VCAGC very
fast, lowering the gain of the mixer and IF amplifier. But
since the low pass filter bandwidth is low, it takes too
long for the AGC comparator to see a reduced level of
the audio signal, so it can not stop the discharge current.
This causes an undershoot in CAGC voltage and a
corresponding overshoot in RSSI voltage. Once CAGC
undershoots, it takes a long time for it to charge back up
because the current available is only 1.5µA.
Table 3 lists the recommended minimum CAGC values
for different D[4:3] settings to insure that the voltage on
CAGC does not undershoot. The recommendation also
takes into account the behavior in auto-polling. If CAGC
is too small, the chip can have a tendency to false wake
up (DO releases even when there is no input signal).
D4
D3
CAGC value
0
0
4.7μF
0
1
2.2μF
1
0
1μF
1
1
1μF
or (408) 944-0800
Table 3. Minimum Suggested CAGC Values
Figure 3 illustrates what occurs if CAGC capacitance is
too small for a given D[4:3] setting. Here, D[4:3] = 01,
the capacitance on CAGC pin is 0.47μF, and the RF
input level is stepped from no signal to
−100dBm. RSSI
voltage is shown instead of CAGC voltage because
RSSI is a buffered version of CAGC (with an inversion
and amplification). Probing CAGC directly can affect the
loop dynamics through resistive loading from a scope
probe, especially in the state where only 1.5μA is
available, whereas probing RSSI does not. When RF
signal is first applied, RSSI voltage overshoots due to
the fast discharge current on CAGC, and the loop is too
slow to stop this fast discharge current in time. Since the
voltage on CAGC is too low, the audio signal level is
lower than the slicing threshold (voltage on CTH), and
DO pin is low. Once the fast discharge current stops,
only the small 1.5µA charge current is available in
settling the AGC loop to the correct level, causing the
recovery from CAGC undershoot/RSSI overshoot
condition to be slow. As a result, TTGD is about 9.1ms.
Figure 3. RSSI Overshoot and Slow TTGD (9.1ms)
Figure 4 shows the behavior with a larger capacitor on
CAGC pin (2.2μF), D[4:3] = 01. In this case, VCAGC does
not undershoot (RSSI does not overshoot), and TTGD is
relatively short at 1ms.
Figure 4. Proper TTGD (1ms) with Sufficient CAGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com