Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MICRF219A Datasheet HTML 15Page - Micrel Semiconductor MICRF219A Datasheet HTML 16Page - Micrel Semiconductor MICRF219A Datasheet HTML 17Page - Micrel Semiconductor MICRF219A Datasheet HTML 18Page - Micrel Semiconductor MICRF219A Datasheet HTML 19Page - Micrel Semiconductor MICRF219A Datasheet HTML 20Page - Micrel Semiconductor MICRF219A Datasheet HTML 21Page - Micrel Semiconductor MICRF219A Datasheet HTML 22Page - Micrel Semiconductor MICRF219A Datasheet HTML 23Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
21
M9999-071811-A
RadioTech@micrel.com or (408) 944-0800
Bill of Materials
− MICRF219A Evaluation Board: 433.92MHz
Item
Part Number
Manufacturer
Description
Qty.
C3
GQM1885C2A1R2C
Murata
(1)
1.2pF
±0.25pF, 0603 capacitor
1
C4
GRM219R60J475K
Murata
(1)
4.7μF ±10%, 0805 capacitor
1
C5, C6
GRM188R71E104K
Murata
(1)
0.1μF
±10%, 0603 capacitor
2
C7
NP
0
C9
GQM1885C2A1R5C
Murata
(1)
1.5pF
±0.25pF, 0603 capacitor
1
C10, C11
GRM1885C1H100J
Murata
(1)
10pF
±5%, 0603 capacitor
2
C12
GRM188R61A105K
Murata
(1)
1μF
±10%, 0603 capacitor
1
J2
NP, SMA, Edge Conn.
0
J3
571-41031480
Mouser
(2)
AMPMODU Breakaway Headers 40 P(6pos)
R/A HEADER GOLD
1
L2
LQG18HN39NJ00
Murata
(1)
39nH
±5%, 0603 multi layer ceramic inductor
1
L3
LQG18HN33NJ00
Murata
(1)
33nH
±5%, 0603 multi layer ceramic inductor
1
R3
CRCW040250KFKEA
Vishay
(3)
50kΩ
±5%, 0402 resistor
1
R4
CRCW0402100KFKEA
Vishay
(3)
100kΩ
±5%, 0402 resistor
1
R5, R6
CRCW04020000Z
Vishay
(3)
0Ω
±5%,, 0402 resistor
2
R7, R8, R9
NP
0
Y1
ABLS-13.52313MHz-10J4Y
Abracon
(4)
13.52313MHz, HC49/US
1
Y2
DSX321GK-13.52313MHz
KDS
(5)
NP, (13.52313MHz,
−40°C to +105°C), DSX321GK
0
U1
MICRF219AAYQS
Micrel, Inc.
(6)
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll,
RSSI, and Squelch
1
Notes:
1. Murata: www.murata.com.
2. Mouser: www.mouser.com.
3. Vishay Tel: www.vishay.com.
4. Abracon: www.abracon.com.
5. KDS: www.kds.info/index_en.htm.
6. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com