Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF219A Datasheet HTML 1Page - Micrel Semiconductor MICRF219A Datasheet HTML 2Page - Micrel Semiconductor MICRF219A Datasheet HTML 3Page - Micrel Semiconductor MICRF219A Datasheet HTML 4Page - Micrel Semiconductor MICRF219A Datasheet HTML 5Page - Micrel Semiconductor MICRF219A Datasheet HTML 6Page - Micrel Semiconductor MICRF219A Datasheet HTML 7Page - Micrel Semiconductor MICRF219A Datasheet HTML 8Page - Micrel Semiconductor MICRF219A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
4
M9999-071811-A
RadioTech@micrel.com or (408) 944-0800
Absolute Maximum Ratings(1)
Supply Voltage (VDD)......................................................+5V
SQ, SEL0, SEL1, SCLK,
SHDN DC Voltage. ........................
−0.3V to VDD + 0.3V
ANT DC Voltage............................................ -0.3V to +0.3V
Junction Temperature .............................................. +150
°C
Lead Temperature (soldering, 10sec.)..................... +300°C
Storage Temperature (TS).........................−65°C to +150°C
Maximum Receiver Input Power .............................+10dBm
ESD Rating
(3).........................................................3kV HBM
Operating Ratings(2)
Supply Voltage (VDD).................................... +3.0V to +3.6V
Ambient Temperature (TA) ........................–40°C to +105°C
Maximum Input RF Power...........................................0dBm
Receive Modulation Duty Cycle ........................20% to 80%
Frequency Range................................. 300MHz to 450MHz
Electrical Characteristics(4)
VDD = 3.3V, VSHDN = 0V, SQ = open, CCAGC = 4.7µF, CCTH = 0.1µF, unless otherwise noted. Bold values indicate
–40°C ≤ TA ≤ 105°C. “Bit rate” refers to the encoded bit rate throughout this datasheet (see Note 4).
Parameter
Condition
Min.
Typ.
Max.
Units
Continuous Operation, fRF = 315MHz
4.3
Operating Supply Current
Continuous Operation, fRF = 433.92MHz
6.0
mA
Sleep Current
Only sleep clock is on
13
µA
Shutdown Current
VSHDN = VDD
0.1
µA
Receiver
433.92MHz, D[4:3] = 00, BER = 1%
−112.5
433.92MHz, D[4:3] = 00, BER = 0.1%
−110
315MHz, D[4:3] = 01, BER = 1%
−112.5
Conducted Receiver Sensitivity @
1kbps (Note 5)
315MHz, D[4:3] = 01, BER = 0.1%
−110
dBm
Image Rejection
fIMAGE = fRF – 2fIF
25
dB
fRF = 315MHz
0.85
IF Center Frequency (fIF)
fRF = 433.92MHz
1.18
MHz
fRF = 315MHz
235
−3dB IF Bandwidth
fRF = 433.92MHz
330
kHz
−40dBm RF input level
1.15
CAGC Voltage Range
−100dBm RF input level
1.55
V
Reference Oscillator
fRF = 315MHz
9.81713
Reference Oscillator Frequency
fRF = 433.92MHz
13.52313
MHz
Reference Buffer Input Impedance
RO1 when driven externally
1.6
kΩ
Reference Oscillator Bias Voltage
RO2
1.15
V
Reference Oscillator Input Range
External input, AC couple to RO1
0.2
1.5
VP-P
Reference Oscillator Source Current
VRO1 = 0V
300
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com