Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF219A Datasheet HTML 2Page - Micrel Semiconductor MICRF219A Datasheet HTML 3Page - Micrel Semiconductor MICRF219A Datasheet HTML 4Page - Micrel Semiconductor MICRF219A Datasheet HTML 5Page - Micrel Semiconductor MICRF219A Datasheet HTML 6Page - Micrel Semiconductor MICRF219A Datasheet HTML 7Page - Micrel Semiconductor MICRF219A Datasheet HTML 8Page - Micrel Semiconductor MICRF219A Datasheet HTML 9Page - Micrel Semiconductor MICRF219A Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
6
M9999-071811-A
RadioTech@micrel.com
Typical Characteristics
VDD = 3.3V, TA = +25°C, BER measured with PN9 sequence, unless otherwise noted.
Current vs. Receiver Frequency
3.5
4.0
4.5
5.0
5.5
6.0
6.5
300
325
350
375
400
425
450
RECEIVER FREQUENCY (MHz)
Current vs. Supply Voltage
fRF = 433.92MHz
4.5
5.0
5.5
6.0
6.5
7.0
7.5
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
+105ºC
+25ºC
-40ºC
Current vs. Supply Voltage
fRF = 315MHz
3.5
4.0
4.5
5.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
+105ºC
+25ºC
-40ºC
CAGC Voltage vs. Input Power
1.0
1.2
1.4
1.6
1.8
2.0
-125
-100
-75
-50
-25
0
INPUT POWER (dBm)
+105ºC
-40ºC
+25ºC
RSSI vs. Input Power
0.0
0.5
1.0
1.5
2.0
2.5
-125
-100
-75
-50
-25
0
INPUT POWER (dBm)
+105ºC
-40ºC
+25ºC
BER vs. Input Power
D[4:3] = 00
0.1
1
10
-116
-115
-114
-113
-112
-111
-110
INPUT POWER (dBm)
PN9 SEQUENCE @ 1kbps
315MHz
433.92MHz
`
Sensitivity at 1% BER
D[4:3] = 00
-116
-114
-112
-110
-108
-106
-104
-102
-100
-98
02
46
8
10
12
BIT RATE (kbps)
315MHz
433.92MHz
Sensitivity at 1% BER
D[4:3] = 01
-114
-112
-110
-108
-106
-104
-102
-100
0
3
6
9
12
15
18
21
BIT RATE (kbps)
315MHz
433.92MHz
Sensitivity at 1% BER
D[4:3] = 10
-112
-110
-108
-106
-104
-102
-100
-98
0
1020
3040
BIT RATE (kbps)
315MHz
433.92MHz
or (408) 944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com