Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF219A Datasheet HTML 9Page - Micrel Semiconductor MICRF219A Datasheet HTML 10Page - Micrel Semiconductor MICRF219A Datasheet HTML 11Page - Micrel Semiconductor MICRF219A Datasheet HTML 12Page - Micrel Semiconductor MICRF219A Datasheet HTML 13Page - Micrel Semiconductor MICRF219A Datasheet HTML 14Page - Micrel Semiconductor MICRF219A Datasheet HTML 15Page - Micrel Semiconductor MICRF219A Datasheet HTML 16Page - Micrel Semiconductor MICRF219A Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
13
M9999-071811-A
RadioTech@micrel.com or (408) 944-0800
Serial Interface Register Programming
There are twenty register bits in MICRF219A. The
functions are described in the following tables.
D19
Always set this bit to 0
D18
Always set this bit to 1
SQ
Pin
D17
Squelch Enable
0
0
Squelch Circuit Enabled
0
1
Squelch Circuit Disabled
1
0
Squelch Circuit Disabled (default)
1
1
Squelch Circuit Enabled
D16
Always set this bit to 0
D15
Auto-Poll Enable
0
Awake – does not poll - default
1
Auto-polls with sleep periods
D14
D13
D12
Set Sleep Time
0
0
0
10ms
0
0
1
20ms
0
1
0
40ms Default
0
1
1
80ms
1
0
0
160ms
1
0
1
320ms
1
1
0
640ms
1
1
1
1280ms
Set Bit-Check Window Time
(315 MHz, time in μs)
D11
D10
D9
D4=1
D3=1
D4=1
D3=0
D4=0
D3=1
D4=0
D3=0
0
0
0
98
196
393
785
0
0
1
92
183
367
733
0
1
0
85
170
341
681
0
1
1
79
157
314
629
1
0
0
72
144
288
577
1
0
1
66
131
262
525
1
1
0
59
118
236
473
1
1
1
53
105
210
420
Set Bit-Check Window Time
(433.92 MHz, time in μs)
D11
D10
D9
D4=1
D3=1
D4=1
D3=0
D4=0
D3=1
D4=0
D3=0
0
0
0
71
143
285
570
0
0
1
67
133
266
532
0
1
0
62
124
247
494
0
1
1
57
114
228
457
1
0
0
52
105
209
419
1
0
1
48
95
190
381
1
1
0
43
86
172
343
1
1
1
38
76
152
305
Default value of D[11:9] = 111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com