Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC470EUF Datasheet(PDF) 32 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 32 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 28Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 29Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 30Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 31Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 32Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 33Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 34Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 35Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 36Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Product Specification
32 /40
LC470EUF
Ver. 1.5
# APPENDIX- III-1
■ Required signal assignment for Flat Link (Thine : THC63LVD103) Transmitter(Pin7=“L” or “NC”)
Note: 1. The LCD module uses a 100 Ohm[Ω] resistor between positive and negative lines of each receiver
input.
2. Refer to LVDS Transmitter Data Sheet for detail descriptions. (THC63LVD103 or Compatible)
3. ‘9’ means MSB and ‘0’ means LSB at R,G,B pixel data.
Host System
30 Bit
RED0
RED1
RED2
RED3
RED4
RED5
RED6
RED7
RED8
RED9
GREEN0
GREEN1
GREEN2
GREEN3
GREEN4
GREEN5
GREEN6
GREEN7
GREEN8
GREEN9
BLUE0
BLUE1
BLUE2
BLUE3
BLUE4
BLUE5
BLUE6
BLUE7
BLUE8
BLUE9
Hsync
Vsync
Data Enable
CLOCK
33
34
35
36
37
38
59
61
4
5
40
41
42
44
45
46
62
63
6
8
48
49
50
52
53
54
64
1
9
11
55
57
58
12
TA-
TA+
TB-
TB+
TC-
TC+
TCLK-
TCLK+
TD-
TD+
TE-
TE+
THC63LVD103
or Compatible
Timing
Controller
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
RO0N
RO0P
RO1N
RO1P
RO2N
RO2P
ROCLKN
ROCLKP
RO3N
RO3P
RO4N
RO4P
VESA/ JEIDA
FI-RE51S-HF
12
13
14
15
16
17
19
20
22
23
24
25
7
31
30
29
28
25
24
23
22
21
20
19
18
LCM Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com