Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC470EUF Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Product Specification
13 /40
LC470EUF
Ver. 1.5
1) DC Specification
2) AC Specification
-
V
1.8
0.7
V
IN
LVDS Input Voltage Range
-
mV
250
ΔVCM
Change in common mode Voltage
-
V
1.5
1.0
V
CM
LVDS Common mode Voltage
Note
Unit
Max
Min
Symbol
Description
LVDS 1’st Clock
T
clk
LVDS 2nd / 3rd / 4th Clock
t
SKEW_min tSKEW_max
20%
80%
A
t
RF
LVDS Data
tSKEW
LVDS Clock
Tclk
( Fclk = 1 /Tclk )
tSKEW
A
1. All Input levels of LVDS signals are based on the EIA 644 Standard.
2. If t
RF isn’t enough, teff
should be meet the range.
3. LVDS Differential Voltage is defined within t
eff
LVDS
+
LVDS
-
0V
V CM
# V CM = {( LVDS +) + ( LVDS - )} /2
V IN _ MAX V IN _ MIN
Note
3-4-2. LVDS Input Signal Characteristics
Description
Symbol
Min
Max
Unit
Note
LVDS Differential Voltage
V
TH
100
300
mV
3
V
TL
-300
-100
mV
LVDS Clock to Data Skew
t
SKEW
-
|(0.25*T
clk)/7|
ps
-
LVDS Clock/DATA Rising/Falling time
t
RF
260
|(0.3*T
clk)/7|
ps
2
Effective time of LVDS
t
eff
|±360|
-
ps
-
LVDS Clock to Clock Skew (Even to Odd)
t
SKEW_EO
-
|1/7* T
clk|
ps
-
High Threshold
Low Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com