Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC470EUF Datasheet(PDF) 21 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 21 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 22Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 23Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 24Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 25Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Product Specification
21 /40
LC470EUF
Ver. 1.5
Table 12 provides general mechanical characteristics.
5. Mechanical Characteristics
Table 12. MECHANICAL CHARACTERISTICS
Note : Please refer to a mechanical drawing in terms of tolerance at the next page.
Value
Item
584.82 mm
Vertical
12.7 Kg (Typ.), 13.4 kg (Max.)
Weight
593.0 mm
Vertical
626.0 mm
Vertical
10.8(B)/22.9(D) mm
Depth
1039.68 mm
Horizontal
Active Display Area
1048.6 mm
Horizontal
Bezel Area
1078.6 mm
Horizontal
Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com