Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM230HT01 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # LTM230HT01
Description  SAMSUNG TFT-LCD PRODUCT INFORMATION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LTM230HT01 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button LTM230HT01 Datasheet HTML 6Page - Samsung semiconductor LTM230HT01 Datasheet HTML 7Page - Samsung semiconductor LTM230HT01 Datasheet HTML 8Page - Samsung semiconductor LTM230HT01 Datasheet HTML 9Page - Samsung semiconductor LTM230HT01 Datasheet HTML 10Page - Samsung semiconductor LTM230HT01 Datasheet HTML 11Page - Samsung semiconductor LTM230HT01 Datasheet HTML 12Page - Samsung semiconductor LTM230HT01 Datasheet HTML 13Page - Samsung semiconductor LTM230HT01 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10/35
Page
LTM230HT01
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
Note (9) Color Grayscale Linearity
a. Test image : 100% full white pattern with a test pattern as below
b. Test pattern : Squares, 40mm by 40mm in size, filled with 255, 225, 195, 165, 135 and
105 grays steps should be arranged at the center⑤ of the screen.
c. Test method
-1st gray step : move a square of 255 gray level should be moved into the center of the
screen and measure luminance and u’ and v’ coordinates.
- Next gray step : Move a 225 gray square into the center and measure both
luminance and coordinates, too.
d. Test evaluation
Where A, B : 2 gray levels found to have the largest color differences between them
i.e. get the largest Δu’ and Δv’ of each 6 pair of u’ and v’ and calculate the Δu’v’.
∆u' v'= (u' - u' ) + (v' - v' )
A
B
2
A
B
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com