Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM230HT01 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # LTM230HT01
Description  SAMSUNG TFT-LCD PRODUCT INFORMATION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LTM230HT01 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button LTM230HT01 Datasheet HTML 9Page - Samsung semiconductor LTM230HT01 Datasheet HTML 10Page - Samsung semiconductor LTM230HT01 Datasheet HTML 11Page - Samsung semiconductor LTM230HT01 Datasheet HTML 12Page - Samsung semiconductor LTM230HT01 Datasheet HTML 13Page - Samsung semiconductor LTM230HT01 Datasheet HTML 14Page - Samsung semiconductor LTM230HT01 Datasheet HTML 15Page - Samsung semiconductor LTM230HT01 Datasheet HTML 16Page - Samsung semiconductor LTM230HT01 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13/35
Page
LTM230HT01
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
(5) fV=60Hz, fDCLK = 69.3 MHz, VDD = 5.0V, DC Current.
(6) Power dissipation check pattern (LCD Module only)
Rush Current I
RUSH can be measured when TRUSH. is 470㎲.
T
RUSH=470㎲
100%
GND
90%
10%
V
DD
(7) Measurement Condition
a) Black Pattern
b) White Pattern
c) Dot Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com