Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM230HT01 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # LTM230HT01
Description  SAMSUNG TFT-LCD PRODUCT INFORMATION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LTM230HT01 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button LTM230HT01 Datasheet HTML 10Page - Samsung semiconductor LTM230HT01 Datasheet HTML 11Page - Samsung semiconductor LTM230HT01 Datasheet HTML 12Page - Samsung semiconductor LTM230HT01 Datasheet HTML 13Page - Samsung semiconductor LTM230HT01 Datasheet HTML 14Page - Samsung semiconductor LTM230HT01 Datasheet HTML 15Page - Samsung semiconductor LTM230HT01 Datasheet HTML 16Page - Samsung semiconductor LTM230HT01 Datasheet HTML 17Page - Samsung semiconductor LTM230HT01 Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14/35
Page
LTM230HT01
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
The back light unit is an edge - lighting type with 2 dual CCFTs ( Cold Cathode
Fluorescent Tube ) The characteristics of two dual lamps are shown in the following tables.
Ta=25 ± 2°C
25℃: (1,450)
(5)
Vrms
0℃ : (1,800)
-
-
Vs
Startup Voltage
1.5554
1.414
1.2726
Wdis
Distortion
rate
(4)
%
10
-
-
Wasy
Asymmetry
rate
Inverter
waveform
(3)
Hour
-
-
(50,000)
Hr
Operating Life Time
(2)
kHz
(800
-
(40)
f
L
Lamp Frequency
Vrms
-
(850)
-
V
L
Lamp Voltage
(1)
mArms
(8.0)
(7.5)
(4.0)
I
L
Lamp Current
Note
Unit
Max.
Typ.
Min.
Symbol
Item
Note (1) Specified values are for a single lamp.
Lamp current is measured with current meter for high frequency as shown below.
Refer to the following block diagram of the back light unit for more information.
Fig. Measurement point of Lamp Current
3.2 Back Light Unit
HOT(RED)
COLD(WHITE)
HOT(BLUE)
COLD(GRAY)
I
1
I
2
I
3
I
4
INVERTER
(SI1700)
HOT(RED)
COLD(WHITE)
HOT(BLUE)
COLD(GRAY)
A
A
A
A
LCD Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com