Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7576GS Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7576GS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576GS Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7576GS Datasheet HTML 1Page - Leadtrend Technology LD7576GS Datasheet HTML 2Page - Leadtrend Technology LD7576GS Datasheet HTML 3Page - Leadtrend Technology LD7576GS Datasheet HTML 4Page - Leadtrend Technology LD7576GS Datasheet HTML 5Page - Leadtrend Technology LD7576GS Datasheet HTML 6Page - Leadtrend Technology LD7576GS Datasheet HTML 7Page - Leadtrend Technology LD7576GS Datasheet HTML 8Page - Leadtrend Technology LD7576GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LD7576/76H/76J/76K
12/9/2009
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
Green-Mode PWM Controller with High-Voltage
Start-Up Circuit and Adjustable OLP Delay Time
REV. 04a
General Description
The LD7576X series brings high performance, and
combines highly integrated functions, protections and
EMI-improve solution. It’s an ideal solution for those
cost-sensitive systems, reducing component count and
overall system cost.
The LD7576X series features near-lossless high voltage
startup
circuit,
green-mode
power-saving
operation,
leading-edge blanking of the current sensing and internal
slope compensation.
They are also equipped with
protections, such as OLP (Over Load Protection), OVP
(Over Voltage Protection) and OTP (Over Temperature
Protection), to prevent circuit damage under abnormal
conditions.
The LD7576X series is available in DIP-8 and SOP-8,
SOP-7 packages.
Features
High-Voltage (500V) Startup Circuit
Current Mode Control
Non-Audible-Noise Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Internal Slope Compensation
OVP (Over Voltage Protection) on Vcc
On-Chip OTP (Over Temperature Protection)
OLP (Over Load Protection)
Latch Mode Protection by CT pin
500mA Driving Capability
Adjustable OLP delay time
Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply
LCD Monitor/TV Power
Typical Application
EMI
Filter
CT
OUT
CS
VCC
GND
COMP
LD7576X
photocoupler
AC
input
TL431
HV
*
*
*
See Application Information


Similar Part No. - LD7576GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD7575 ETC2-LD7575 Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
Leadtrend Technology
LD7575 LEADTREND-LD7575 Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
LD7575GS LEADTREND-LD7575GS Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
List of Unclassifed Man...
LD7575PN ETC2-LD7575PN Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
Leadtrend Technology
LD7575PN LEADTREND-LD7575PN Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
More results

Similar Description - LD7576GS

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
Green-Mode PWM Controller
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
Green-Mode PWM Controller
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
Green-Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 3
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 2
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
GREEN MODE PWM CONTROLLER
Rev 2
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
GREEN MODE PWM CONTROLLER
Rev 2
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
Green-Mode PWM Controller
logo
Diodes Incorporated
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com