Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7576GS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7576GS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576GS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7576GS Datasheet HTML 8Page - Leadtrend Technology LD7576GS Datasheet HTML 9Page - Leadtrend Technology LD7576GS Datasheet HTML 10Page - Leadtrend Technology LD7576GS Datasheet HTML 11Page - Leadtrend Technology LD7576GS Datasheet HTML 12Page - Leadtrend Technology LD7576GS Datasheet HTML 13Page - Leadtrend Technology LD7576GS Datasheet HTML 14Page - Leadtrend Technology LD7576GS Datasheet HTML 15Page - Leadtrend Technology LD7576GS Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LD7576/76H/76J/76K
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
thermal treatment, component sizes and transformer
design.
Internal Slope Compensation
A fundamental issue of current mode control is the
stability problem when its duty-cycle is more than 50%. To
stabilize the control loop, slope compensation is needed
in the traditional UC384X design by injecting the ramp
signal from the RT/CT pin through a coupling capacitor. In
LD7576X series, the internal slope compensation circuit
has been implemented to simplify the external circuit
design.
On/Off Control
By pulling COMP pin lower than 1.2V will disable the gate
output pin of LD7576X series immediately. The off mode
can be released when the pull-low signal is removed.
Dual-Oscillator Green-Mode Operation
There
are
many
different
topologies
has
been
implemented in different chips for the green-mode or
power saving requirements such as “burst-mode control”,
“skipping-cycle mode”, “variable off-time control “…etc.
The basic operation theory of all these approaches
intended to reduce the switching cycles under light-load or
no-load condition either by skipping some switching
pulses or reduce the switching frequency.
By using LD proprietary dual-oscillator technique, the
green-mode frequency can be well controlled to avoid the
generation of audible noise.
Over
Load
Protection
(OLP)
-
Auto
Recovery
To protect the circuit from being damaged during over
load condition and short or open loop condition, the
LD7576X series is implemented with smart OLP function.
LD7576/76J
features
auto
recovery
function,
the
waveform of which is exemplified in figure 17. In the
example of the fault condition, the feedback system tends
to force the voltage loop toward the saturation and then
pull the voltage high on COMP pin (VCOMP).
When the
VCOMP ramps up to the OLP threshold of 5V and stays for
more than OLP delay time, the protection will be activated
to turn off the gate output and stop the switching of power
circuit. The OLP delay time, set by the capacitor
connected to CT pin, is to prevent the false triggering from
the
power-on
and
turn-off
transient.
The
higher
capacitance of the capacitor in CT pin, the longer OLP
delay time will be. The recommended capacitance will be
0.1
μF for a OLP delay time around 110mS and 0.047μF
for around 55mS.
A divide-by-2 counter is implemented to reduce the
average power under OLP behavior.
Whenever OLP is
activated, the output is latched off and the divide-by-2
counter starts to count the number Vcc reaches UVLO(off).
The latch will be released when Vcc reaches the 2nd time
and then the output is recovered to switching again.
With the protection mechanism, the average input power
will be minimized, so that the component temperature and
stress can be controlled within a safe operating area.
Over Load Protection (OLP) - Latch mode
Other than LD7576/76J, the LD7576H/76K features latch
mode of smart OLP. Figure 18 shows the waveform under
a fault condition when OLP is triggered. As shown in Fig.
18, the feedback system forces the voltage loop toward
the saturation and thus pulls the voltage high on COMP
pin (VCOMP). When the VCOMP ramps up to the OLP
threshold of 5.0V and stays for longer than OLP delay
time, the protection is activated and then latches off the
gate output to stop switching of the power circuit. The
delay time is to prevent the false-triggering from power-on,
turn-off transient and peak load condition. As soon as the
over load condition is removed, the controller will be kept
latched until the Vcc drops lower than 8V. It is necessary
to start another AC power-on recycling to get the output
back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com