Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7576GS Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD7576GS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576GS Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD7576GS Datasheet HTML 10Page - Leadtrend Technology LD7576GS Datasheet HTML 11Page - Leadtrend Technology LD7576GS Datasheet HTML 12Page - Leadtrend Technology LD7576GS Datasheet HTML 13Page - Leadtrend Technology LD7576GS Datasheet HTML 14Page - Leadtrend Technology LD7576GS Datasheet HTML 15Page - Leadtrend Technology LD7576GS Datasheet HTML 16Page - Leadtrend Technology LD7576GS Datasheet HTML 17Page - Leadtrend Technology LD7576GS Datasheet HTML 18Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LD7576/76H/76J/76K
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
Fig. 20
Pull-Low Resistor on the Gate Pin of
MOSFET
The LD7576X series is internally equipped with an
anti-floating resistor on the OUT pin to protect the output
from abnormal operation or false triggering of MOSFET.
Even so, we still recommend adding an external one on
the MOSFET gate terminal to provide more protection in
case of disconnection of gate resistor RG during power-on.
In such single-fault condition, as show in figure 22, the
resistor R8 can provide a discharge path to avoid the
MOSFET from being falsely-triggered by the current
through the gate-to-drain capacitor CGD. Therefore, the
MOSFET is always pulled low and placed in the off-state
even if the gate resistor is disconnected or opened in any
case.
Fig. 21
dt
dV
Cgd
i
bulk
⋅
=
Fig. 22
Protection Resistor on the Hi-V Path
In some other Hi-V process and design, there may be a
parasitic SCR caused around HV pin, Vcc and GND.
As
shown in figure 23, a small negative spike on the HV pin
may trigger this parasitic SCR and cause latchup between
Vcc and GND.
It will intend to damage the chip because



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com