Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288 Datasheet(PDF) 77 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 77 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288_14 Datasheet HTML 73Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 74Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 75Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 76Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 77Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 78Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 79Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 80Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 81Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
77
101b
Reserved
/
110b
Reserved
/
111b
Reserved
/
4-0 Reserved
R
00000
REG 30H: VBUS path control & Hold voltage setting
Default:21H
Reset: Bit [7] & bit [2] reset signal is System reset, and Bit [6:3] & bit [1:0] reset signal is Power on reset
Table 10-34
Bit
Description
R/W
Default
7
VBUS path select control (VBUS_SEL) when VBUS valid
0: VBUS path select ed
1: VBUS path Not selected
RW
0
6
Reserved
5
VHOLD setting bit 2
000: 4.0V; 001: 4.1V; 010: 4.2V
011: 4.3V; 100: 4.4V; 101: 4.5V
110: 4.6V; 111: 4.7V
RW
1
4
VHOLD setting bit 1
RW
0
3
VHOLD setting bit 0
RW
0
2
Reserved
RW
0
1-0
Current limit default when BC1.2 detection result is non SDP :
00:900mA
01:1500mA
10:2000mA
11:2500mA
RW
01
REG 31H: Power wakeup control & VOFF setting
Default:03H
Reset: Bit 3 reset signal is system reset, Bit [7-4] and Bit [2-0] reset signal is Power on reset
Table 10-35
Bit
Description
R/W
Default
7
PWROK drive low or not when Power wake up and REG 31_[3]=1
0: not drive low 1: drive low in wake up period
RW
0
6
Reserved
RW
0
5
Soft Power wakeup, Write 1 to this bit, the output power will be waked up, then this bit
will clear itself
RW
0
4
Control bit for IRQ output and wakeup trigger when REG 31_[3] is 1
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com