Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288 Datasheet(PDF) 22 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 22 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288_14 Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 21Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 22Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 23Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 24Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 25Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 26Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
22
9 Control and operation
When AXP288 works, the TWSI (two wire serial interface) SCK/SDA pin is pulled up to system IO power, and this interface
can be used by HOST to access and adjust AXP288’s working status.
Note that the external power hereinafter is VBUS input.
9.1 Power on/off and Power sequences
PMIC has power off and power on status. When at off state, all voltage outputs are turned off except VCC_RTC, VINT and
charger. At this time if powered by battery, the total power consumption is typically 40uA.
9.1.1 Power on/off sources
Power on source
Below are the 3 power up sources supported by AXP288 in mechanical off state:
1. Charger insertion (VBAT > VBPTH)
2. Battery insertion (VBAT > VBPTH)
3. Power on key pressed (VBAT > VBPTH)
Note:VBPTH (boot threshold), 3.0-3.45V, 150mV/step, 4 steps, default is 3.15V.
Power off source
Below are the few sources that can trigger power down of PMIC:
1. ALDOIN <
VOFF ( indicating IPSOUT too low)
2. Faulty condition
3. Power on key pressed
4. BYT/CHT cold off
Power on from charger insertion
The PMIC should be able to start the boot sequence from a charger insertion. A charger insertion is detected from a rising
voltage on the VBUS node. If 4.1V< VBUS < 7.0V, the charger will start charging immediately and autonomously. If the battery
level is above the battery boot threshold, the PMIC will continue the boot process, otherwise the charger will continue
charging until the battery boot threshold is reached at which point the PMIC will continue the boot process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com