Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288 Datasheet(PDF) 12 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 12 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288_14 Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
12
N um
Name
Type
Condition
Description
53
VCC_RTC
O
Output pin of VCC_RTC
54
VINT
PO
Internal logic power, 1.8V
55
VBUS
PI
VBUS input, must tied to pin 61
56
SLP_S0IX_B
I
SOC sleep signal, SLP_S0IX_B is an active low dedicated input
signal from the SOC that indicates S0IX state entry upon
assertion (SLP_S0IX=LOW) and exit upon de-assertion
(SLP_S0IX_B=HIGH). Typically, the logic high level is 1.5V, and
the logic low level is 0.5V.
57
N_BATDRV
O
BAT to PS extern PMOS driver
58
CHGLED
O
Charger status indication
59
IPSOUT
PO
System power source
60
IPSOUT
PO
System power source
61
VBUS
PI
VBUS input, must tied to pin 55
62
PWRON
I
Power On-Off key input,Internal 100k pull high to VINT pin
63
SUSPWRDACK
I
Power down signal, SUSPWRDACK is an active high dedicated
input signal from the SOC that tells the PMIC to turn off all rails
but RTC. Typically, the logic high level is 1.5V, and the logic low
level is 0.5V.
64
IRQ
O
10KΩ
Pull High
Interrupt output, open drain output, need a 10KΩ Pull High
65
PLTRST_B
I
Reset signal from SOC to PMIC. Typically, the logic high level is
1.5V, and the logic low level is 0.5V.
66
BUCK4SET
I
Setting BUCK4 default Output Voltage, this pin must tied to
GND/VINT or floating.
67
LOADSENSE
I
PWM Charger Current Sense Resistance Positive Input
68
BATSENSE
I
PWM Charger Current Sense Resistance Negative Input
69
LX_CHG
IO
Inductor Pin for PWM Charger
70
VIN_CHG
I
Charger input source
71
LX2
IO
Inductor Pin for BUCK2
72
VIN2
PI
BUCK2 input source
73
BUCK2
I
Feedback to BUCK2
74
GND
G
GND for internal analog circuit
75
RSMRST_B
O
10KΩ
Pull High
Power good pin, open drain output, need a 10KΩ Pull High.
Resume reset output to SOC, de-asserted (=1) after ALDO3 is
within 15% nominal voltage
76
ELDOIN
PI
ELDO input source
77
EP
G
Exposed pad, connected to system ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com