Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8192CE Datasheet(PDF) 7 Page - Realtek Semiconductor Corp.

Part # RTL8192CE
Description  SINGLE-CHIP IEEE 802.11b/g/n 2T2R WLAN CONTROLLER w/PCI EXPRESS INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8192CE Datasheet(HTML) 7 Page - Realtek Semiconductor Corp.

Back Button RTL8192CE Datasheet HTML 3Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 11Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
RTL8192CE
Datasheet
Single-Chip IEEE 802.11b/g/n 2T2R WLAN Controller
with PCI Express Interface
3
Track ID: Rev.0.1
2.
Features
General
 64-pin QFN
 CMOS MAC, Baseband MIMO PHY, and
RF in a single chip for IEEE 802.11b/g/n
compatible WLAN
 Complete 802.11n MIMO solution for
2.4GHz band
 2x2 MIMO technology for extended
reception robustness and exceptional
throughput
 Maximum PHY data rate up to 150Mbps
using 20MHz bandwidth, 300Mbps using
40MHz bandwidth
 Compatible with 802.11n specification
 Backward compatible with 802.11b/g
devices while operating at 802.11n data rates
Host Interface
 Complies with PCI Express Base
Specification Revision 1.1
Standards Supported
 IEEE 802.11e QoS Enhancement (WMM,
WMM-SA Client mode)
 IEEE 802.11h TPC, Spectrum Measurement
 IEEE 802.11k Radio Resource Measurement
 IEEE 802.11i (WPA, WPA2). Open, shared
key, and pair-wise key authentication
services
 Cisco Compatible Extensions (CCX) for
WLAN devices
MAC Features
 Frame aggregation for increased MAC
efficiency (A-MSDU, A-MPDU)
 Low latency immediate High-Throughput
Block Acknowledgement (HT-BA)
 Long NAV for media reservation with
CF-End for NAV release
 PHY-level spoofing to enhance legacy
compatibility
 MIMO power saving mechanism
 Channel management and co-existence
 Multiple BSSID feature allows the
RTL8192CE to assume multiple MAC
identities when used as a wireless bridge
 Supports Wake-On-WLAN via Magic Packet
and Wake-up frame
 Transmit Opportunity (TXOP) Short
Inter-Frame Space (SIFS) bursting for higher
multimedia bandwidth
Peripheral Interfaces
 General Purpose Input/Output (10 pins)
 4-wire EEPROM control interface (93C46)
 Three configurable LED pins
 Configurable Bluetooth Coexistence
Interface
PHY Features
 IEEE 802.11n MIMO OFDM
 Two Transmit and Two Receive path (2T2R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com