Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8192CE Datasheet(PDF) 8 Page - Realtek Semiconductor Corp.

Part # RTL8192CE
Description  SINGLE-CHIP IEEE 802.11b/g/n 2T2R WLAN CONTROLLER w/PCI EXPRESS INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8192CE Datasheet(HTML) 8 Page - Realtek Semiconductor Corp.

Back Button RTL8192CE Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 12Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
RTL8192CE
Datasheet
Single-Chip IEEE 802.11b/g/n 2T2R WLAN Controller
with PCI Express Interface
4
Track ID: Rev.0.1
 20MHz and 40MHz bandwidth transmission
 Short Guard Interval (400ns)
 One spatial stream STBC transmission for
extended coverage
 Sounding packet
 DSSS with DBPSK and DQPSK, CCK
modulation with long and short preamble
 OFDM with BPSK, QPSK, 16QAM, and
64QAM modulation. Convolutional Coding
Rate: 1/2, 2/3, 3/4, and 5/6
 Maximum data rate 54Mbps in 802.11g and
300Mbps in 802.11n
 OFDM receive diversity with MRC using up
to 2 receive paths. Switch diversity used for
DSSS/CCK.
 Hardware antenna diversity
 Selectable digital transmit and receiver FIR
filters
 Programmable scaling in transmitter and
receiver to trade quantization noise against
increased probability of clipping
 Fast receiver Automatic Gain Control
(AGC).
 On-chip ADC and DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com