Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8192CE Datasheet(PDF) 9 Page - Realtek Semiconductor Corp.

Part # RTL8192CE
Description  SINGLE-CHIP IEEE 802.11b/g/n 2T2R WLAN CONTROLLER w/PCI EXPRESS INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8192CE Datasheet(HTML) 9 Page - Realtek Semiconductor Corp.

Back Button RTL8192CE Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 13Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
RTL8192CE
Datasheet
Single-Chip IEEE 802.11b/g/n 2T2R WLAN Controller
with PCI Express Interface
5
Track ID: Rev.0.1
3.
Application Diagrams
3.1. 11n Compatible Single-Band 2x2 RF Application
RX I/Q
AntennaA
2.4GHz
PA
Tx/Rx
Matching
Circuit
2.4GHz
Transceiver
TX I /Q
NV Memory
SPS/LDO
Regulators
40MHz
Crystal
MAC
Configuration
Control and
Memory
Ext Interface
Baseband
(PHY)
RTL8192CE
Host
Interface
3.3V
PCI Express
2.4GHz
Transceiver
AntennaB
2.4GHz
PA
Tx/Rx
Matching
Circuit
Figure 1. 11n Compatible Single-Band 2x2 Solution-RTL8192CE-GR (11n 2x2 MAC/BB/RF + 2 PAs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com