Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2003GP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD2003GP
Description  FM/AM RADIO IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2003GP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD2003GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 5Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 6Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CD2003GP/GB
FM/AM RADIO IC
1、 Overvie w
The
CD2003GP/GB
is
a
monolithic
IC
designed
for
use
as
a
FM/AM
radio
system.
Combined
with
audio
power
amplifier
IC,
a
suitable
FM/AM
radio
can
be
constituted.
Its
features are:
● No need for FM IFT, AM IFT, and FM detector coil
● Adjustment free for FM detector circuit
● Wide operating supply voltage range: V
CC =1. 8~ 7V (T amb=25℃ )
● Package: DIP16/SOP16
2、 Block Diagram And Pin Descriptions
2. 1. Block Diagram
2. 2. Pin Descriptions
PIN
Symbol
Function
PIN
Symbol
Function
1
INFMR
FM RF Input
9
GNDOUT
Output Ground
2
GNDIN
Input Ground
10
QUAD
QUAD
3
OUTFMM
FM Mixer Output
11
OUTDET
Detector Output
4
OUTAMM
AM Mixer Output
12
OSCAM
AM Oscillation
5
AGC
AGC Control
13
OSCFM
FM Oscillation
6
VCC
Supply Voltage
14
SW
AM/FM Switch
7
INAMI
AM IF Input
15
TUNFM
FM Tuner
8
INFMI
FM IF Input
16
INAMR
AM RF Input
Version:2008-07-A
WUXI CHINA RESOURCES SEMICO CO.,LTD.
Page:
1/7


Similar Part No. - CD2003GP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD2010-B140 BOURNS-CD2010-B140 Datasheet
437Kb / 4P
CD2010-B140 - Surface Mount Schottky Rectifier Diode
CD2010-B160 BOURNS-CD2010-B160 Datasheet
376Kb / 4P
CD2010-B160 - Surface Mount Schottky Rectifier Diode
logo
List of Unclassifed Man...
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
logo
RHOPOINT COMPONENTS
CD2015FC RHOPOINT-CD2015FC Datasheet
564Kb / 2P
CD Low Resistance Precision Chip Resistors
logo
Caddock Electronics, In...
CD2015FC CADDOCK-CD2015FC Datasheet
511Kb / 2P
Type CD Low Resistance Precision Chip Resistors
More results

Similar Description - CD2003GP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
AM/FM RADIO IC
logo
Unisonic Technologies
UTCKA22427 UTC-UTCKA22427 Datasheet
46Kb / 3P
I-CHIP AM/FM RADIO IC
UTCTA2003 UTC-UTCTA2003 Datasheet
82Kb / 6P
AM/FM RADIO IC
UTCTA7613AP UTC-UTCTA7613AP Datasheet
42Kb / 4P
I-CHIP AM/FM RADIO IC
logo
Toshiba Semiconductor
TA2132BP TOSHIBA-TA2132BP Datasheet
252Kb / 13P
AM/FM Radio IC
logo
Sony Corporation
CXA1111AN SONY-CXA1111AN Datasheet
301Kb / 15P
IC FM/AM RADIO CXA1111AN
logo
Wuxi Youda electronics ...
YD1191 YOUDA-YD1191 Datasheet
77Kb / 4P
SINGLE-CHIP FM/AM RADIO IC
YD1619 YOUDA-YD1619 Datasheet
81Kb / 4P
SINGLE-CHIP FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2003PG TOSHIBA-TA2003PG Datasheet
371Kb / 11P
AM / FM Radio IC
logo
List of Unclassifed Man...
CD1691CB ETC2-CD1691CB Datasheet
198Kb / 6P
Monolithic FM AM Radio-IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com