Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2003GP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD2003GP
Description  FM/AM RADIO IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2003GP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD2003GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 5Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 6Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CD2003GP/GB
3. Electrical Characteristics
3.1. Absolute Maximum Ratings (Ta=25℃ )
Parameter
Symbol
Conditions
Value
Unit
Supply Voltage
VCC
8
V
Power
Dissipation
PD
DIP16
750
mW
SOP16
350
Operating
Temperature
Tamb
- 25 ~ 75
Storage
Temperature
Tstg
- 55 ~ 150
NOTE: Derated above Tamb=25℃
in the proportion of 6mW/℃
for CD2003GP and of
2.8mW/℃
for CD2003GB.
3.2. Electrical Characteristics
Unless otherwise specified, Tamb=25℃ , VCC=3V
F/E: f=98MHz, fm=1kHz
FM IF: f=10.7MHz, △ f=±22.5kHz, fm=1kHz
AM: f=1MHz, MOD=30%, fm=1kHz
Parameter
Symbol
Test Conditions
Value
Unit
Min
Typ
Max
Supply
Current
ICCQ
FM mode, Vin=0
5.0
10.5
16.5
mA
AM mode, Vin=0
3.5
5.0
8.0
F / E
Quiescent
Sensitivity
QS
S/N=30dB
2
uV
Input
Limiting
Sensitivity
VIN LIM
VO 为 -3 dB
2
uV
Local OSC
Stop Voltage
VSTOP FM
Vin=0
1.2
V
Local OSC
Voltage
VOSC
fOSC=108MHZ
160
240
320
mV
FM
IF
Input
Limiting
Sensitivity
VIN LIM
VO 为 -3dB
63
112
200
uV
Detector
Output
Voltage
VOD
Vin=80dBu
EMF
75
130
mV
Signal to
Noise Ratio
S/N
Vin=80dBu
EMF
62
dB
To be continued
Version:2008-07-A
WUXI CHINA RESOURCES SEMICO CO.,LTD.
Page:
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com