Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2003GP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CD2003GP
Description  FM/AM RADIO IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2003GP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CD2003GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 5Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 6Page - List of Unclassifed Manufacturers CD2003GP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
.C
3
4
2
1
6
cc
B I P O L A R
I C
CD2003GP/GB
4.2. Test Circuit 2
4. 3、 Note
Coil Data (Test Circuit)
Coil No.
Test
Freque
ncy
(HZ)
L
uH
QO
CO
(pF)
Turns
Wire
mm
Reference
1-2
2-3
1-3
1-4
4-6
L1:
FM RF
100M
100
2.25
0.5
0258-0000
-021
注
L2:
FM OSC
100M
100
1.75
0.5
0258-000
-020
注
L3:
AM OSC
796K
268
125
14
86
0.06
2157-2239
-213A
注
NOTE: SUMIDA ELECTRIC CO., LTD
V
3
pin12
1
V
L3
L1
L2
Version:2008-07-A
WUXI CHINA RESOURCES SEMICO CO.,LTD.
Page:
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com