Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-LD2-EVAL-RFB-01H Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # K-LD2-EVAL-RFB-01H
Description  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2-EVAL-RFB-01H Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  K-LD2-EVAL-RFB-01H Datasheet HTML 1Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 2Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 3Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 4Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 5Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 6Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 7Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 8Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 4/20
This diagram shows module sensitivity (output voltage)
in both azimuth and elevation directions. It incorporates
the transmitter and receiver antenna characteristics.
-70
-60
-50
-40
-30
-20
-10
0
350°
340°
330°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
210°
200°
190°
180°
170°
160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
System diagram
Azimuth
Elevation
80°
34°
Pin No. Name
Description
1
GND
Ground pin
2
Detect Out
Digital detection output.
Signals a valid detection.
Low " no detection
High " valid detection
3
VCC
Power supply pin (3.2 to 5.5V)
4
RX
Serial interface RX input
5
TX
Serial interface TX output
6
Hold Time In
Analogue hold time input. Range from 0 to 3V
0V " minimum hold time
3V " maximum hold time
7
Sensitivity In
Analogue sensitivity input.
Range from 0 to 3V
0 V " minimum sensitivity
3V " maximum sensitivity
8
Misc. Out
Digital miscellaneous output. The function
is programmable over the command set with
the parameter S06.
In the factory setting this output signals the
direction of a valid detection.
Low " backward/receding movement
High " forward/approaching movement
This output is only valid together with a
high on pin 2 (valid detection) except if it
is configured as micro detection output.
Table 1: Pin function description
25.00 ±0.1
20.20 ±0.1
2.40
3.61
7x2.54
Pin 1
0.75 ±0.1
2.55 ±0.15
8.64 ±0.25
6.00 ±0.1
2.30 ±0.15
Pin 1
D
C
B
6
5
4
3
2
1
A
2
1
4
3
5
B
A
C
Plotdate: 31.05.2017
We reserve all rights in this document and its subject matter.
The recipient herby acknowledges these rights and assures the use of this
document only for the purpose it was delivered.
© RFbeam Microwave
Dieses Dokument ist unser geistiges Eigentum. Es darf ohne unsere ausdrückliche Genehmigung
weder kopiert, vervielfältigt oder verwertet, noch an Dritte weitergegeben werden. Zuwiderhandlung
ist strafbar und wird strafrechtlich verfolgt.
Copyright reserved!
© RFbeam Microwave
Drawing Nr.
A4
1 / 1
Blatt / Anz.
Project
Scale
2:1
Material
Tolerance
Format
Prepared
Reviewed
Object
Surface
RFbeam Microwave
Farbgutstrasse 3
9008 St. Gallen
Switzerland
State
Index
XX
YY
XX
YY
Figure 3: Pin configuration
Figure 2: Antenna characteristics
PIN CONFIGURATION AND FUNCTIONS
ANTENNA DIAGRAM CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com