Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-LD2-EVAL-RFB-01H Datasheet(PDF) 20 Page - RFbeam Microwave GmbH

Part # K-LD2-EVAL-RFB-01H
Description  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2-EVAL-RFB-01H Datasheet(HTML) 20 Page - RFbeam Microwave GmbH

Back Button K-LD2-EVAL-RFB-01H Datasheet HTML 12Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 13Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 14Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 15Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 16Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 17Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 18Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 19Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 20Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 20/20
Product
= K-LD2
Customer
= RFB
for standard
products
HW variant
= 00
for standard variant
Supply
= H
for 3.3V…5V version
SW variant
= 02
for standard
variant
–
–
–
Outline Dimensions
Ordering Information
The ordering number consists of different parts with
the structure below.
25.00 ±0.1
20.20 ±0.1
2.40
3.61
7x2.54
Pin 1
0.75 ±0.1
2.55 ±0.15
8.64 ±0.25
6.00 ±0.1
2.30 ±0.15
Pin 1
D
C
B
6
5
4
3
2
1
A
2
1
4
3
5
B
A
C
Plotdate: 31.05.2017
We reserve all rights in this document and its subject matter.
The recipient herby acknowledges these rights and assures the use of this
document only for the purpose it was delivered.
© RFbeam Microwave
Dieses Dokument ist unser geistiges Eigentum. Es darf ohne unsere ausdrückliche Genehmigung
weder kopiert, vervielfältigt oder verwertet, noch an Dritte weitergegeben werden. Zuwiderhandlung
ist strafbar und wird strafrechtlich verfolgt.
Copyright reserved!
© RFbeam Microwave
Drawing Nr.
A4
1 / 1
Blatt / Anz.
Project
Scale
2:1
Material
Tolerance
Format
Prepared
Reviewed
Object
Surface
RFbeam Microwave
Farbgutstrasse 3
9008 St. Gallen
Switzerland
State
Index
XX
YY
XX
YY
Figure 14: Outline dimensions in millimeter
Figure 15: Ordering number structure
It is possible to order K-LD2 sensors with
a preprogramed custom configuration. Con-
tact RFbeam Microwave for more informa-
tion.
Ordering number
Description
K-LD2-RFB-00H-02
Standard K-LD2 with default configuration,
without PC software
Table 18: Available ordering numbers
Revision History
06/2017 – Revision A: Initial Version
09/2018 – Revision B: Changes to Figure 2: Antenna characteristic
Changes to Figure 15: Ordering number structure
Changes to Table 18: Available ordering numbers
Added Table of Contents and changed the title format
K-LD2-EVAL-RFB-01H
Standard K-LD2 evaluation kit with powerful
PC software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com