Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-LD2-EVAL-RFB-01H Datasheet(PDF) 6 Page - RFbeam Microwave GmbH

Part # K-LD2-EVAL-RFB-01H
Description  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2-EVAL-RFB-01H Datasheet(HTML) 6 Page - RFbeam Microwave GmbH

Back Button K-LD2-EVAL-RFB-01H Datasheet HTML 2Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 3Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 4Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 5Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 6Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 7Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 8Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 9Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 10Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 6/20
Sampling and FFT calculation
The K-LD2 works with an internal I/Q doppler signal
sampling and a computation of a 256 point wide com-
plex FFT. I/Q doppler signals are phase shifted by +90°
or -90° depending on the direction of a movement in
the front of the sensor.
The signal processing unit samples the I/Q data
with a configurable sampling rate (see parameter S04)
Figure 5: I/Q doppler signals of an approaching movement (left) and a receding movement (right)
and  computes a complex FFT. The sampling rate is
an important parameter of the sensor because it direc-
tly estimates the speed resolution, the maximal speed,
and the response time of the system. The  response
time is doubled if the FFT average feature (described
below) is used.
Parameter
S04
Sample rate
[Hz]
Resolution
[Hz]
Max. frequency
[Hz]
Resolution
[km/h]
Max speed
[km/h]
Response time
[ms]
01
1280
5
640
0.11
14.3
200/400
02
2560
10
1280
0.22
28.6
100/200
03
3840
15
1920
0.34
43.0
67/134
04
5120
20
2560
0.45
57.3
50/100
05
6400
25
3200
0.56
71.6
40/80
06
7680
30
3840
0.67
85.9
33/66
07
8960
35
4480
0.78
100.2
29/58
08
10240
40
5120
0.89
114.5
25/50
09
11520
45
5760
1.01
128.9
22/44
0A
12800
50
6400
1.12
143.2
20/40
Table 2: Sampling rate vs. speed resolution vs. maximal speed vs. response time
The sampled I/Q doppler signals are transformed
with a complex FFT into the frequency domain with
256 bins. Those signals appear either in the real (right)
plane for an approaching movement or in the imagi-
nary (left) plane for a receding movement. The signal in
the centre is the DC offset caused by the amplifier and
the analogue to digital conversion.
To reduce random noise, the sensor features a FFT
average option (see parameter S0A) which is enabled
in the factory settings. It  is an average over two
FFT frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com