Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-MD2-RFB-01F-01 Datasheet(PDF) 13 Page - RFbeam Microwave GmbH

Part # K-MD2-RFB-01F-01
Description  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2-RFB-01F-01 Datasheet(HTML) 13 Page - RFbeam Microwave GmbH

Back Button K-MD2-RFB-01F-01 Datasheet HTML 9Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 10Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 11Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 12Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 13Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 14Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 15Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 16Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 17Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 13/23
RADAR SYSTEM
For the processing of the digital signals, the radar
uses a Zynq XC7Z020 system on a chip (SoC). The
SoC is mounted on a TE720 adapter board from
Trenz electronic. It mainly consists out of a processing
system (PS) part, which contains two Cortex-A9 pro-
cessors, and the programmable logic (PL) part, which
contains the FPGA part. A Linux operating system is
running on the processing system.
Start-Up
The start-up script
/etc/init.d/rcS runs au-
tomatically when the radar is powered. This script
performs the following steps:
1. Mounts the file systems in
/etc/fstab
2. Look for
/mnt/rcS and refer to this script
if it is present
3. Start the Telnet daemon
4. Start the FTP daemon
5. Start the SSH daemon
6. Run the file
/mnt/init.sh if it is pre-
sent, otherwise
7. Run the file
/opt/init.sh
Users should put any additional start-up actions in the
file
/mnt/init.sh:
cp /opt/init.sh /mnt/init.sh
vi /mnt/init.sh
The default
/opt/init.sh script will display the
software version on the console and start the sensor
server running in the background.
Changing anything on the file system
can result in an irreparable state where
the radar has to be re-programmed by
RFbeam Microwave GmbH.
Network Interface
The radar uses a static IP address (default
192.168.16.2 / 255.255.255.0). The sensor server
listens for connections on the specified TCP port
(default 6172). The radar will continually send mes-
sages to any connected client and accept command
messages at any time. Command messages are
processed between frames.
The messages generated by the radar can exceed
the speed of the TCP/IP stack. When this hap-
pens the frame rate of the radar will drop so that all
messages are transmitted. This can be prevented
by limiting the type of messages transmitted using
the DSF0 command.
The IP address and netmask can be changed by
Telnet using the ifconfig command:
ifconfig eth0 192.168.1.5
netmask 255.255.255.0
Serial Interface
Specification
Value
Voltage
3.3V
Baudrate
115200
Data bits
8
Stop bits
1
Parity
No
Hardware flow control
No
Table 3: Serial interface specifications
The radar continually sends messages via the serial
interface and accepts command messages at any
time. Command messages are processed between
frames. Serial commands are processed after net-
work commands.
The messages generated by the radar can exceed the
speed of the serial interface. When this happens the
frame rate of the radar will drop so that all messages
are transmitted. This can be prevented by limiting the
maximum size of messages sent via the serial inter-
face with the
serial_max_length configuration
key. Messages exceeding this length will not be sent
via the serial interface, but they will still be sent via the
network interface.
Logging
The sensor server outputs messages to the console
and a log file (/opt/sensor_server.log). The level of the
messages can be different on the console and in the
log file. The levels are:
Level Description
0
No messages (silent operation)
1
Errors (These are usually fatal, and the software will exit)
2
Warnings (These are usually non-fatal, but are not expected)
3
Notes (These are expected and should only occur at start-up
or initialisation)
4
Trace (These messages provide additional information to the user)
5
Debug (These messages provide information
to development engineers)
Table 4: Level of log messages
The level specified includes all messages from lower
levels. The default level for the log file is Notes and
the default level for the console is Trace. Care should
be taken not to set the level for the log file too high in
case the file system runs out of space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com