Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-MD2-RFB-01F-01 Datasheet(PDF) 15 Page - RFbeam Microwave GmbH

Part # K-MD2-RFB-01F-01
Description  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2-RFB-01F-01 Datasheet(HTML) 15 Page - RFbeam Microwave GmbH

Back Button K-MD2-RFB-01F-01 Datasheet HTML 11Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 12Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 13Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 14Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 15Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 16Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 17Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 18Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 19Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 15/23
The following table describes the processing parameter which can be changed by the user in the
/mnt/sensor_server.conf.
Processing parameter which aren’t described in this table are system dependent and must not be
changed. Changing these parameters can result in an irreparable state where the radar has to be repro-
grammed by RFbeam Microwave GmbH.
Key
Description
mean_channels
The number of receiver channels to average for the mean range-doppler map.
peak_threshold
The signal threshold for peak detection.
max_num_peaks
The maximum number of peaks to find.
background_update
The number of frames to average for the background range-doppler map.
range_compensation
The rate at which the peak threshold is adjusted with range, relative to mid-range.
min_range
The minimum range cell for finding peaks.
max_range
The maximum range cell for finding peaks.
min_speed
The minimum doppler bin for finding peaks.
max_speed
The maximum doppler bin for finding peaks.
smoothing
Smooth the mean range-doppler map with a 3x3 Gaussian window.
azimuth_ref_channel
The reference receiver channel for Azimuth direction calculation.
azimuth_alt_channel
The alternate receiver channel for Azimuth direction calculation.
azimuth_offset
The phase offset for the azimuth channel.
azimuth_ratio
The ratio between azimuth phase and reported direction.
elevation_ref_channel
The reference receiver channel for Elevation direction calculation.
elevation_alt_channel
The alternate receiver channel for Azimuth direction calculation.
elevation_offset
The phase offset for the elevation channel.
elevation_ratio
The ratio between elevation phase and reported direction.
max_num_tracks
The maximum number of tracks to report. The internal list length is the same as the maximum number of peaks to find.
max_range_jitter
Maximum difference in range bins between predicted range and range of peak.
max_speed_jitter
Maximum difference in doppler bins between predicted speed and speed of peak.
direction_error_threshold
Maximum difference in degrees between predicted direction and direction of peak.
min_track_life
Minimum number of frames with tracked detection before track is reported.
max_track_life
Maximum number of frames without tracked detection before track is lost.
track_history
Number of previous frames to use in tracking.
stationary_objects
Report tracks that have never moved.
constant_speed
Assume constant speed in tracking algorithm.
Table 7: Processing parameter
Firmware Update
The processor can boot from an image stored
in SPI flash. The firmware is loaded from the boot
image and then a file system is unpacked containing
the software. The current version of the firmware
and software is shown in the
/opt/versions file.
The flash is split into two sections, with the boot
image stored in the first section. The second section
is formatted with a JFFS2 file system and mounted
to 
/mnt.
The boot image can be updated by transferring
the new boot image to
/tmp and writing the image
to the first section of the flash with
flashcp:
flashcp –v /tmp/BOOT.bin /dev/mtd0
After the device has been powered off and on,
the new firmware is loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com