Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-MD2-RFB-01F-01 Datasheet(PDF) 20 Page - RFbeam Microwave GmbH

Part # K-MD2-RFB-01F-01
Description  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2-RFB-01F-01 Datasheet(HTML) 20 Page - RFbeam Microwave GmbH

Back Button K-MD2-RFB-01F-01 Datasheet HTML 15Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 16Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 17Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 18Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 19Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 20Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 21Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 22Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 23Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 20/23
Commands
The commands are sent to the radar to set configurations. The payload length may be zero or four bytes. This
chapter provides detailed information about the commands of the K-MD2.
Header
Description
Datatype
Length
INIT
Run the initialization sequence and load the configuration files
-
0
RSID
Radar initial delay [clk]. The delay before the ramp starts in every chirp. The core clock is 38461538Hz.
0-32768
See chapter “Speed and Range Settings” for more information
UINT16
4
RSSF
Radar start frequency [MHz]
23800–24800
See chapter “Speed and Range Settings” for more information
UINT16
4
RSBW
Radar bandwidth [MHz]
100–1000
See chapter “Speed and Range Settings” for more information
UINT16
4
RSRG
Radar receiver gain [dB]
0–80
UINT8
4
PSMC
Receivers to include in mean range-doppler map
0x01 = RX1 0x02 = RX2 0x04 = RX3
Can be “OR” bit coded
UINT8
4
PSPT
Processor peak detection threshold
0–32768
See chapter “Peak Threshold” for more information
UINT16
4
PSRC
Processor range compensation for threshold
0.0–5.0
See chapter “Range Compensation” for more information
FLOAT
4
PSNP
Processor maximum number of peaks
0–200
UINT8
4
PSBU
Processor background update rate
0, 2, 4, 8, 16, 32, 64, 128, 256
See chapter “Background Update” for more information
UINT16
4
PSBR
Processor peak detection minimum range [bin]
2–254
UINT8
4
PSTR
Processor peak detection maximum range [bin]
2–254
UINT8
4
PSBS
Processor peak detection minimum speed [bin]
0–126
UINT8
4
PSTS
Processor peak detection maximum speed [bin]
0–126
UINT8
4
PSSM
Processor smooth mean range-doppler map
0x00 = Off 0x01 = On
See chapter “Smoothing” for more information
UINT8
4
PSNT
Processor maximum number of tracks to report
0–200
UINT8
4
PSRJ
Processor maximum range jitter [bin]
0–10
See chapter “Range and Speed Jitter” for more information
UINT8
4
PSSJ
Processor maximum speed jitter [bin]
0–10
See chapter “Range and Speed Jitter” for more information
UINT8
4
PSBL
Processor minimum track life [frame]
0–255
See chapter “Track Life” for more information
UINT8
4
PSTL
Processor maximum track life [frame]
0–255
See chapter “Track Life” for more information
UINT8
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com