Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF97 Datasheet(PDF) 13 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 13 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 121 page
background image
Page 13
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
2.4. Chip Specification
The tables below give the electrical specifications of the transceiver under the following conditions: Supply voltage
VDD=3.3 V, temperature = 25 °C, FXOSC = 32 MHz, FRF = 169/434/868/915 MHz (see specific indication), Pout =
+13dBm, 2-level FSK modulation without pre-filtering, FDA = 5 kHz, Bit Rate = 4.8 kb/s and terminated in a matched 50
Ohm impedance, shared Rx and Tx path matching., unless otherwise specified.
2.4.1. Power Consumption
Table 51 Power Consumption Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
IDDSL
Supply current in Sleep mode
-
0.2
1
uA
IDDIDLE
Supply current in Idle mode
RC oscillator enabled
-
1.5
-
uA
IDDST
Supply current in Standby mode
Crystal oscillator enabled
-
1.6
1.8
mA
IDDFS
Supply current in Synthesizer
mode
FSRx
-
5.8
-
mA
IDDR
Supply current in Receive mode
LnaBoost
Off, higher bands
LnaBoost
On, higher bands
Lower bands
-
-
-
10.8
11.5
12.1
-
-
-
mA
IDDT
Supply current in Transmit mode
with impedance matching
RFOP = +20 dBm, on PA_BOOST
RFOP = +17 dBm, on PA_BOOST
RFOP = +13 dBm, on RFO_LF/HF pin
RFOP = + 7 dBm, on RFO_LF/HF pin
-
-
-
-
120
87
29
20
-
-
-
-
mA
mA
mA
mA
2.4.2. Frequency Synthesis
Table 52 Frequency Synthesizer Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
FR
Synthesizer frequency range
Programmable
137
410
862
-
-
-
175
525
1020
MHz
FXOSC
Crystal oscillator frequency
-
32
-
MHz
TS_OSC
Crystal oscillator wake-up time
-
250
-
us
TS_FS
Frequency synthesizer wake-up
time to PllLock signal
From Standby mode
-
60
-
us
TS_HOP
Frequency synthesizer hop time
at most 10 kHz away from the tar-
get frequency
200 kHz step
1 MHz step
5 MHz step
7 MHz step
12 MHz step
20 MHz step
25 MHz step
-
-
-
-
-
-
-
20
20
50
50
50
50
50
-
-
-
-
-
-
-
us
us
us
us
us
us
us
FSTEP
Frequency synthesizer step
FSTEP = FXOSC/219
-
61.0
-
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com