Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF97 Datasheet(PDF) 49 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 49 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
Page 49
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.3.7. Image Rejection Mixer
The RF96/97/98 employs an image rejection mixer (IRM) which, uncalibrated, 35 dB image rejection. A low phase noise
PLL is used to perform calibration of the receiver chain. This increases the typical image rejection to 48 dB.
4.2.3.8. Image and RSSI Calibration
An automatic calibration process is used to calibrate the phase and gain of both I and Q receive paths. This calibration
allows enhanced image frequency rejection and improves the RSSI precision. This Calibration process is launched under
the following circumstances:
Automatically at Power On Reset or after a Manual Reset of the chip (refer to section 7.2). For applications where the
temperature remains stable, or if the Image Rejection is not a major concern, this single calibration will suffice.
Automatically when a pre-defined temperature change is observed.
Upon User request, by setting bit ImageCalStart in RegImageCal, when the device is in Standby mode. Note that in
LoRaTM
mode the calibration command is inaccessible. To perform the calibration, the radio must be returned
temporarily to FSK/OOK mode for the calibration process.
A selectable temperature change, set with TempThreshold (5, 10, 15 or 20°C), is detected and reported in TempChange, if
the temperature monitoring is turned On with TempMonitorOff=0.
This interrupt flag can be used by the application to launch a new image calibration at a convenient time if
AutoImageCalOn
=0, or immediately when this temperature variation is detected, if AutoImageCalOn=1.
The calibration process takes approximately 10ms.
4.2.3.9. Timeout Function
The RF96/97/98 includes a Timeout function, which allows it to automatically shut-down the receiver after a receive
sequence and therefore save energy.
Timeout interrupt is generated TimeoutRxRssi x 16 x Tbit after switching to Rx mode if the Rssi flag does not raise
within this time frame (RssiValue > RssiThreshold)
Timeout interrupt is generated TimeoutRxPreamble x 16 x Tbit after switching to Rx mode if the PreambleDetect flag
does not raise within this time frame
Timeout interrupt is generated TimeoutSignalSync x 16 x Tbit after switching to Rx mode if the SyncAddress flag does
not raise within this time frame
This timeout interrupt can be used to warn the companion processor to shut down the receiver and return to a lower power
mode. To become active, these timeouts must also be enabled by setting the correct RxTrigger parameters in
RegRxConfig:
Table 66 RxTrigger Settings to Enable Timeout Interrupts
Receiver
Triggering Event
RxTrigger
(2:0)
Timeout on
Rssi
Timeout on
Preamble
Timeout on
SyncAddress
None
000
Off
Off
Active
Rssi
Interrupt
001
Active
Off
PreambleDetect
110
Off
Active
Rssi
Interrupt & PreambleDetect
111
Active
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com