Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF97 Datasheet(PDF) 48 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 48 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 121 page
background image
Page 48
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
PreambleDetectorSize
# of Bytes
00
1
01
2 (recommended)
10
3
11
reserved
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.3.5. AFC
The AFC is based on the FEI measurement, therefore the same input signal and receiver setting conditions apply. When
the AFC procedure is performed the AfcValue is directly subtracted from the register that defines the frequency of
operation of the chip, FRF. The AFC is executed each time the receiver is enabled, if AfcAutoOn = 1.
When the AFC is enabled (AfcAutoOn = 1), the user has the option to:
Clear the former AFC correction value, if AfcAutoClearOn = 1. Allowing the next frequency correction to be performed
from the initial centre frequency.
Start the AFC evaluation from the previously corrected frequency. This may be useful in systems in which the centre
frequency experiences cumulative drift - such as the ageing of a crystal reference.
The RF96/97/98 offers an alternate receiver bandwidth setting during the AFC phase allowing the accommodation of
larger frequency errors. The setting RegAfcBw sets the receive bandwidth during the AFC process. In a typical receiver
application the, once the AFC is performed, the radio will revert to the receiver communication or channel bandwidth
(RegRxBw) for the ensuing communication phase.
Note that the FEI measurement is valid only during the reception of preamble. The provision of the PreambleDetect flag
can hence be used to detect this condition and allow a reliable AFC or FEI operation to be triggered. This process can be
performed automatically by using the appropriate options in StartDemodOnPreamble found in the RegRxConfig register.
A detailed description of the receiver setup to enable the AFC is provided in section 4.2.6.
4.2.3.6. Preamble Detector
The Preamble Detector indicates the reception of a carrier modulated with a 0101...sequence. It is insensitive to the
frequency offset, as long as the receiver bandwidth is large enough. The size of detection can be programmed from 1 to 3
bytes with PreambleDetectorSize in RegPreambleDetect as defined in the next table.
Table 65 Preamble Detector Settings
For normal operation, PreambleDetectTol should be set to be set to 10 (0x0A), with a qualifying preamble size of 2 bytes.
The PreambleDetect interrupt (either in RegIrqFlags1 or mapped to a specific DIO) then goes high every time a valid
preamble is detected, assuming PreambleDetectorOn=1.
The preamble detector can also be used as a gate to ensure that AFC and AGC are performed on valid preamble. See
section 4.2.6. for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com