Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS01DTP06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS01DTP06
Description  DUAL NPN-PNP COMPLEMENTARY BIPOLAR TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS01DTP06 Datasheet(HTML) 1 Page - STMicroelectronics

  STS01DTP06 Datasheet HTML 1Page - STMicroelectronics STS01DTP06 Datasheet HTML 2Page - STMicroelectronics STS01DTP06 Datasheet HTML 3Page - STMicroelectronics STS01DTP06 Datasheet HTML 4Page - STMicroelectronics STS01DTP06 Datasheet HTML 5Page - STMicroelectronics STS01DTP06 Datasheet HTML 6Page - STMicroelectronics STS01DTP06 Datasheet HTML 7Page - STMicroelectronics STS01DTP06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2005
Table 1: General Features
n
HIGH GAIN
n
LOW VCE(sat)
n
SIMPLIFIED CIRCUIT DESIGN
n
REDUCED COMPONENT COUNT
APPLICATION
n
PUSH-PULL OR TOTEM-POLE
CONFIGURATION
n
MOSFET AND IGBT GATE DRIVING
n
MOTOR, RELAY AND SOLENOID DRIVING
DESCRIPTION
The STS01DTP06 is a Hybrid dual NPN-PNP
complementary
power
bipolar
transistor
manufactured by using the latest low voltage
planar technology. The STS01DTP06 is housed in
dual island SO-8 package with separated
terminals
for
higher
assembly
flexibility,
specifically recommended to be used in Push-Pull
or Totem Pole configuration as post IGBTs and
MOSFETs driver.
Figure 1: Package
Figure 2: Internal Schematic Diagram
Table 2: Order Codes
VCE(sat)
hFE
IC
0.35 V
> 100
1A
SO-8
Part Number
Marking
Package
Packaging
STS01DTP06T4
S01DTP06
SO-8
Tape & Reel
STS01DTP06
DUAL NPN-PNP COMPLEMENTARY BIPOLAR TRANSISTOR
PRELIMINARY DATA
Rev. 1


Similar Part No. - STS01DTP06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS01DTP06 STMICROELECTRONICS-STS01DTP06 Datasheet
306Kb / 11P
Dual NPN-PNP complementary Bipolar transistor
30-Mar-2006
STS01DTP06 STMICROELECTRONICS-STS01DTP06_06 Datasheet
306Kb / 11P
Dual NPN-PNP complementary Bipolar transistor
30-Mar-2006
More results

Similar Description - STS01DTP06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
logo
STMicroelectronics
STS01DTP06 STMICROELECTRONICS-STS01DTP06_06 Datasheet
306Kb / 11P
Dual NPN-PNP complementary Bipolar transistor
30-Mar-2006
logo
ON Semiconductor
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
KODENSHI_AUK CORP.
SUT290 KODENSHI-SUT290 Datasheet
332Kb / 6P
Dual NPN-PNP complementary Bipolar transistor
SUT465N KODENSHI-SUT465N Datasheet
339Kb / 6P
Dual NPNPNP complementary Bipolar transistor
logo
STMicroelectronics
STS05DTP03 STMICROELECTRONICS-STS05DTP03 Datasheet
236Kb / 10P
Dual NPN-PNP complementary bipolar transistor
19-Mar-2009
logo
ON Semiconductor
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
Yea Shin Technology Co....
MMBT3946DW YEASHIN-MMBT3946DW Datasheet
1Mb / 5P
COMPLEMENTARY NPN/PNP TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com