Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS01DTP06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS01DTP06
Description  DUAL NPN-PNP COMPLEMENTARY BIPOLAR TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS01DTP06 Datasheet(HTML) 3 Page - STMicroelectronics

  STS01DTP06 Datasheet HTML 1Page - STMicroelectronics STS01DTP06 Datasheet HTML 2Page - STMicroelectronics STS01DTP06 Datasheet HTML 3Page - STMicroelectronics STS01DTP06 Datasheet HTML 4Page - STMicroelectronics STS01DTP06 Datasheet HTML 5Page - STMicroelectronics STS01DTP06 Datasheet HTML 6Page - STMicroelectronics STS01DTP06 Datasheet HTML 7Page - STMicroelectronics STS01DTP06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STS01DTP06
3/8
Table 6: Q2-PNP Transistor Electrical Characteristics (Tcase = 25 oC unless otherwise specified)
* Pulsed: Pulsed duration = 300 ms, duty cycle
≤ 1.5 %.
Figure 3: Reverse Biased Area Q1 NPN Tran-
sistor
Figure 4: DC Current Gain Q1 NPN Transistor
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off Current
(IE = 0)
VCB = -60 V
-0.1
µA
ICEO
Collector Cut-off Current
(IB = 0)
VCE = -30 V
-1
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -5 V
-1
µA
V(BR)CEO* Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = -10 mA
-30
V
VCE(sat)* Collector-Emitter
Saturation Voltage
IC = -1 A
IB = -10 mA
IC = -2 A
IB = -100 mA
-0.35
-1
-0.7
V
V
VBE(sat)* Base-Emitter
Saturation Voltage
IC = -1 A
IB = -10 mA
-0.85
-1.1
V
hFE*
DC Current Gain
IC = -1 A
VCE = -2 V
IC = -3 A
VCE = -2 V
100
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com