Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS01DTP06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS01DTP06
Description  DUAL NPN-PNP COMPLEMENTARY BIPOLAR TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS01DTP06 Datasheet(HTML) 2 Page - STMicroelectronics

  STS01DTP06 Datasheet HTML 1Page - STMicroelectronics STS01DTP06 Datasheet HTML 2Page - STMicroelectronics STS01DTP06 Datasheet HTML 3Page - STMicroelectronics STS01DTP06 Datasheet HTML 4Page - STMicroelectronics STS01DTP06 Datasheet HTML 5Page - STMicroelectronics STS01DTP06 Datasheet HTML 6Page - STMicroelectronics STS01DTP06 Datasheet HTML 7Page - STMicroelectronics STS01DTP06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STS01DTP06
2/8
Table 3: Absolute Maximum Ratings
For PNP type voltage and current values are negative.
Table 4: Thermal Data
(1) When mounted on 1 inch square pad of 2 oz. copper, t
10 sec
Table 5: Q1-NPN Transistor Electrical Characteristics (Tcase = 25 oC unless otherwise specified)
* Pulsed: Pulsed duration = 300 ms, duty cycle
≤ 1.5 %.
Symbol
Parameter
NPN
PNP
Unit
VCBO
Collector-Base Voltage (IE = 0)
60
-60
V
VCEO
Collector-Emitter Voltage (IB = 0)
30
-30
V
VEBO
Emitter-Base Voltage (IC= 0)
5-5
V
IC
Collector Current
3-3
A
ICM
Collector Peak Current (tp < 5ms)
6-6
A
IB
Base Current
1-1
A
IBM
Base Peak Current (tp < 1ms)
2-2
A
Ptot
Total Dissipation at TC = 25 oC single
2W
Ptot
Total Dissipation at TC = 25 oC couple
1.6
W
Tstg
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Symbol
Parameter
Unit
Rthj-amb(1) Thermal Resistance Junction-ambient
Max
(Single Operation)
62.5
oC/W
Rthj-amb(1) Thermal Resistance Junction-ambient
Max
(Dual Operation)
78
oC/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off Current
(IE = 0)
VCB = 60 V
0.1
µA
ICEO
Collector Cut-off Current
(IB = 0)
VCE = 30 V
1
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
µA
V(BR)CEO* Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = 10 mA
30
V
VCE(sat)* Collector-Emitter
Saturation Voltage
IC = 1 A
IB = 10 mA
IC = 2 A
IB = 100 mA
0.35
1
0.7
V
V
VBE(sat)* Base-Emitter
Saturation Voltage
IC = 1 A
IB = 10 mA
0.85
1.1
V
hFE*
DC Current Gain
IC = 1 A
VCE = 2 V
IC = 3 A
VCE = 2 V
100
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com