Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3425MDBVTEP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # REF3425MDBVTEP
Description  low-drift, low-power, small-footprint series voltage reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3425MDBVTEP Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF3425MDBVTEP Datasheet HTML 13Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 14Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 15Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 16Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 17Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 18Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 19Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 20Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
76
76.5
77
77.5
78
78.5
79
79.5
D004
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.55
D013
17
REF3425-EP, REF3430-EP, REF3433-EP, REF3440-EP
www.ti.com
SBAS942A – DECEMBER 2018 – REVISED MARCH 2019
Product Folder Links: REF3425-EP REF3430-EP REF3433-EP REF3440-EP
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
10.2.3 Application Curves
Figure 20. Quiescent Current vs Temperature
Figure 21. Quiescent Current Shutdown Mode
11 Power Supply Recommendations
The REF34xx-EP family of references feature an extremely low-dropout voltage. These references can be
operated with a supply of only 50 mV above the output voltage. TI recommends a supply bypass capacitor
ranging between 0.1 µF to 10 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com