Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3425MDBVTEP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF3425MDBVTEP
Description  low-drift, low-power, small-footprint series voltage reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3425MDBVTEP Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3425MDBVTEP Datasheet HTML 7Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 8Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 9Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 10Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 11Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 12Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 13Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 14Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
J
A
D
JA
T
T
P
R
T
u
11
REF3425-EP, REF3430-EP, REF3433-EP, REF3440-EP
www.ti.com
SBAS942A – DECEMBER 2018 – REVISED MARCH 2019
Product Folder Links: REF3425-EP REF3430-EP REF3433-EP REF3440-EP
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.2 Power Dissipation
The REF34xx-EP voltage references are capable of source and sink up to 10 mA of load current across the rated
input voltage range. However, when used in applications subject to high ambient temperatures, the input voltage
and load current must be carefully monitored to ensure that the device does not exceeded its maximum power
dissipation rating. The maximum power dissipation of the device can be calculated with Equation 1:
where
•
PD is the device power dissipation
•
TJ is the device junction temperature
•
TA is the ambient temperature
•
RθJA is the package (junction-to-air) thermal resistance
(1)
Because of this relationship, acceptable load current in high temperature conditions may be less than the
maximum current-sourcing capability of the device. In no case should the device be operated outside of its
maximum power rating because doing so can result in premature failure or permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com