Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3425MDBVTEP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF3425MDBVTEP
Description  low-drift, low-power, small-footprint series voltage reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3425MDBVTEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3425MDBVTEP Datasheet HTML 6Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 7Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 8Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 9Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 10Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 11Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 12Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 13Page - Texas Instruments REF3425MDBVTEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Solder Heat Shift (%)
0
10%
20%
30%
40%
50%
D017
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
10
REF3425-EP, REF3430-EP, REF3433-EP, REF3440-EP
SBAS942A – DECEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: REF3425-EP REF3430-EP REF3433-EP REF3440-EP
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8 Parameter Measurement Information
8.1 Solder Heat Shift
The materials used in the manufacture of the REF34xx-EP have differing coefficients of thermal expansion,
resulting in stress on the device die when the part is heated. Mechanical and thermal stress on the device die
can cause the output voltages to shift, degrading the initial accuracy specifications of the product. Reflow
soldering is a common cause of this error.
In order to illustrate this effect, a total of 32 devices were soldered on four printed circuit boards [16 devices on
each printed circuit board (PCB)] using lead-free solder paste and the paste manufacturer suggested reflow
profile. The reflow profile is as shown in Figure 15. The printed circuit board is comprised of FR4 material. The
board thickness is 1.65 mm and the area is 114 mm × 152 mm.
Figure 15. Reflow Profile
The reference output voltage is measured before and after the reflow process; the typical shift is displayed in
Figure 16. Although all tested units exhibit very low shifts (< 0.01%), higher shifts are also possible depending on
the size, thickness, and material of the printed circuit board. An important note is that the histograms display the
typical shift for exposure to a single reflow profile. Exposure to multiple reflows, as is common on PCBs with
surface-mount components on both sides, causes additional shifts in the output bias voltage. If the PCB is
exposed to multiple reflows, the device must be soldered in the second pass to minimize its exposure to thermal
stress.
Figure 16. Solder Heat Shift Distribution, VREF (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com