Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS325 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS325
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS325 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS325 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1.
General Description
FS325 is a series of lithium-ion and
lithium-polymer rechargeable battery protection
ICs with high accurate voltage detection and
delay circuits.
These ICs are suitable for protection of single
cell lithium-ion or lithium polymer battery packs
from over charge, over discharge and over
current.
2.
Features
Low supply current
Normal Operation : 2.5μA typ. @VDD=3.9V
Power-down mode : 0.05μA typ. @VDD=2.0V
Auto
recovery function
:
1.8 μ A typ.
@VDD=2.0V
Overcharge detection voltage﹝VOCU﹞
4.25V~4.31V, Accuracy of
25mV
Overcharge release voltage﹝VOCR﹞
4.05V~4.11V, Accuracy of
50mV
Overdischarge detection voltage﹝VODL﹞
2.30V~2.40V, Accuracy of
100mV
Overdischarge release voltage﹝VODR﹞
2.30V~2.90V, Accuracy of
100mV
Over current detection voltage﹝VOI1﹞
0.10V~0.13V, Accuracy of
10mV
Short circuit detection voltage﹝VOI2﹞
0.7V~0.9V, Accuracy of
10mV
Charger over current detection voltage
﹝VCH﹞-0.09V~0.10V, Accuracy of
20mV
Delay times are generated by an internal
circuit. (External capacitors are
unnecessary.)
Reset resistance for Over current protection
>150k
Wide supply voltage range 1.5 ~ 5.5V
Small package
SOT-23-5、SSON-6
0V-Battery charging function
.
3.
Ordering Information
FS325 x - x
N6A、N6C Package code
Serial code from A to D *
(N6A:1.8*2.0mm SSON-6 Green-Package)
(N6C:1.6*1.6mm SSON-6 Green-Package)
*: Refer to the product name list on next page.
4.
Applications
Protection IC for One-Cell Lithium-Ion /
Lithium-Polymer Battery Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com